Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5222D Datasheet(PDF) 4 Page - Sanken electric

Part # LC5222D
Description  Off-Line DC / DC LED Driver ICs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5222D Datasheet(HTML) 4 Page - Sanken electric

  LC5222D Datasheet HTML 1Page - Sanken electric LC5222D Datasheet HTML 2Page - Sanken electric LC5222D Datasheet HTML 3Page - Sanken electric LC5222D Datasheet HTML 4Page - Sanken electric LC5222D Datasheet HTML 5Page - Sanken electric LC5222D Datasheet HTML 6Page - Sanken electric LC5222D Datasheet HTML 7Page - Sanken electric LC5222D Datasheet HTML 8Page - Sanken electric LC5222D Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristics Unless specifically noted, TA is 25°C, VBB = 140 V
Characteristic
Symbol
Test Conditions
Pins1
Min.
Typ.
Max.
Unit
Power Supply Current
IBBS
Output off
6 – 8
(7 – 8)
1
1.5
mA
IBB
Normal operation
6 – 8
(7 – 8)
2.5
4.0
mA
Output MOSFET Breakdown Voltage
V(BR)DSS
LC5222D/S ID = 1 mA
5 – 4
(5, 6 – 4)
250
――
V
LC5225D/S
450
――
V
Output MOSFET On-Resistance
RDS(ON)
LC5222D/S ID = 0.5 A
5 – 4
(5, 6 – 4)
1.2
2.2
Ω
LC5225D/S ID = 0.5 A
3.5
6
Ω
Body Diode Forward Voltage
Vf
LC5222D/S If = 0.5 A
4 − 5
(4 – 5, 6)
0.8
1.0
V
LC5225D/S If = 0.5 A
0.8
0.9
V
UVLO Threshold (Turn on)
VUVLO(ON)
VBB pin voltage
6 – 8
(7 – 8)
14
V
UVLO Threshold (Turn off)
VUVLO(OFF)
VBB pin voltage
6 – 8
(7 – 8)
12
V
REG Pin Output Voltage
VREG
IREG = 0 mA
1 − 8
9.6
10
10.4
V
REG Pin Output Current
IREG
VREG = 9 V
1 − 8
−2
――
mA
Enable Output Threshold Voltage
VENB
REF pin voltage
3 − 8
0.15
0.19
V
Sleep Mode Threshold Voltage
VSLP
REF pin voltage
3 − 8
2.85
3.0
V
REF Pin Current
IREF
3 − 8
−10
10
μA
Current Control Detection Voltage2
VSEN
VREF = 0.2 to 2.0 V
4 − 8
0.4 × VREF
− 0.03
0.4 × VREF
0.4 × VREF
+ 0.03
V
VREF = 2.0 to 3.0 V
0.77
0.8
0.83
V
OCP Detection Voltage2
VOCP
VREF = 0.2 to 2.0 V
4 − 8
0.4 × VREF
+ 0.7
V
VREF = 2.0 to 3.0 V
1.5
V
SEN Pin Current
ISEN
4 − 8
−10
10
μA
PWM Pin Low Voltage
VPWM(L)
2 − 8
2
V
PWM Pin High Voltage
VPWM(H)
2 − 8
3
V
PWM Pin Output Current
IPWM
2 − 8
―−20
―μA
PWM Blanking Time
tBLK(P)
――
0.3
―μs
OCP Blanking Time
tBLK(O)
――
0.2
―μs
PWM Operation Frequency
fPWM
Duty cycle = 50%
2 − 8
――
200
kHz
PWM Off Time
toff
CPWM = 100 pF
――
17
―μs
Output MOSFET Rise Time
tr
IO = 0.4 A
5 – 4
(5, 6 – 4)
25
ns
Output MOSFET Fall Time
tf
IO = 0.4 A
5 – 4
(5, 6 – 4)
50
ns
Thermal Shutdown Threshold3
TTSD
――
150
°C
Thermal Shutdown Hysteresis3
TTSD(HYS)
――
55
°C
1
Where the pin numbers differ between the DIP8 and the SOP8 packages, the SOP8 pin number is written in parentheses.
2
The REF pin has different functions, depending on the voltage. Please refer to REF Pin Voltage Characteristics section.
3
Chip temperature of control IC, TJ.
LC5222D/25D and
LC5222S/25S
4
SANKEN ELECTRIC CO., LTD.
LC5222D/25D_22S/25S-DS
Off-Line DC/DC LED Driver ICs
August 8, 2012


Similar Part No. - LC5222D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5222D SANKEN-LC5222D Datasheet
451Kb / 11P
   Hybrid Integrated Circuit
More results

Similar Description - LC5222D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5223D SANKEN-LC5223D Datasheet
260Kb / 10P
   Off-Line DC / DC LED Driver ICs
LC5202D SANKEN-LC5202D Datasheet
297Kb / 16P
   Off-Line LED Driver ICs
logo
Microchip Technology
HV9805 MICROCHIP-HV9805 Datasheet
491Kb / 34P
   Off-Line LED Driver with True DC Output Current
01/27/15
logo
Monolithic Power System...
MP4651 MPS-MP4651 Datasheet
277Kb / 12P
   Off Line LED Driver
logo
AIMTEC
AMEOR30-4864AZ AIMTEC-AMEOR30-4864AZ Datasheet
897Kb / 14P
   DC-DC LED driver
logo
Maxim Integrated Produc...
MAX16801A MAXIM-MAX16801A Datasheet
356Kb / 15P
   Off-Line and DC-DC PWM Controllers for High-Brightness LED Drivers
Rev 0; 10/05
logo
Supertex, Inc
HV9906 SUTEX-HV9906 Datasheet
445Kb / 10P
   Simple Off-Line/PFC & >9V DC/DC Switcher
HV9906 SUTEX-HV9906_04 Datasheet
281Kb / 11P
   Simple Off-Line/PFC & >9V DC/DC Switcher
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
   DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
IXYS Corporation
MXHV9910 IXYS-MXHV9910 Datasheet
348Kb / 12P
   Off-Line, High Brightness LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com