Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC5511D Datasheet(PDF) 5 Page - Sanken electric

Part # LC5511D
Description  Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC5511D Datasheet(HTML) 5 Page - Sanken electric

  LC5511D Datasheet HTML 1Page - Sanken electric LC5511D Datasheet HTML 2Page - Sanken electric LC5511D Datasheet HTML 3Page - Sanken electric LC5511D Datasheet HTML 4Page - Sanken electric LC5511D Datasheet HTML 5Page - Sanken electric LC5511D Datasheet HTML 6Page - Sanken electric LC5511D Datasheet HTML 7Page - Sanken electric LC5511D Datasheet HTML 8Page - Sanken electric LC5511D Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
SANKEN ELECTRIC CO., LTD.
LC5511D-DS
Single-Stage Power Factor Corrected
Off-Line Switching Regulator IC
LC5511D
November 26, 2012
10
1
0.1
0.01
Transient Thermal Resistance Curve
Time (s)
10-6
10-5
10-4
10-3
10-2
10-1
Ambient Temperature, TA (°C)
1.2
1.0
0.8
0.6
0.4
0.2
0
0
255075
125
100
150
MOSFET Temperature versus Power Dissipation Curve
Channel Temperature, Tch (°C)
100
80
60
40
20
0
25
50
75
125
100
150
MOSFET Avalanche Energy Derating Coefficient Curve
Drain-to-Source Voltage, VDS (V)
10
1
0.1
0.01
1
10
100
1000
MOSFET Safe Operating Area Curve
Drain current limited
by on-resistance
1 ms
0.1 ms
To use this graph, apply the S.O.A
temperature derating coefficient
taken from the graph at the left
TA = 25°C, single pulse
Channel Temperature, Tch (°C)
100
80
60
40
20
0
0
25
50
75
125
100
150
S. O. A. Temperature Derating Coefficient Curve
Characteristic Performance


Similar Part No. - LC5511D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC5511D SANKEN-LC5511D Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5511D SANKEN-LC5511D Datasheet
379Kb / 9P
   Hybrid IC
More results

Similar Description - LC5511D

ManufacturerPart #DatasheetDescription
logo
Sanken electric
LC552XD SANKEN-LC552XD Datasheet
235Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5525F SANKEN-LC5525F Datasheet
254Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5513D SANKEN-LC5513D Datasheet
230Kb / 9P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC5523F SANKEN-LC5523F Datasheet
255Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator IC
LC556XLD SANKEN-LC556XLD Datasheet
297Kb / 10P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC554XLD SANKEN-LC554XLD Datasheet
278Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC554XLF SANKEN-LC554XLF Datasheet
313Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulator ICs
LC5540LD SANKEN-LC5540LD Datasheet
281Kb / 11P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5540LF SANKEN-LC5540LF Datasheet
308Kb / 13P
   Single-Stage Power Factor Corrected Off-Line Switching Regulators
LC5500 SANKEN-LC5500 Datasheet
637Kb / 40P
   LC5500 Series Single-Stage Power Factor Corrected Off-Line Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com