Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4118 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N4118
Description  LOW CURRENT OPERATION AT 250 uA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4118 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N4118 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4118 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• 1N4099-1 THRU 1N4135-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/435
• LOW CURRENT OPERATION AT 250
µ A
• LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
• METALLURGICALLY BONDED
1N4099 thru 1N4135
and
1N4099-1 thru 1N4135-1
JEDECNOMINAL
ZENER
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
MAXIMUM
TYPE
ZENER
TEST
ZENER
LEAKAGE
NOISE
ZENER
NUMBER
VOLTAGE
CURRENT
IMPEDANCE
CURRENT
DENSITY
CURRENT
VZ @ lZT
IZT
ZZT
lR @ VR
ND @ lZT
lZM
(Note 1)
(Note 2)
VOLTS
µ A
OHMS
µ A
VOLTS
µ V/ Hz
mA
1N4099
6.8
250
200
10
5.17
40
56
1N4100
7.5
250
200
10
5.70
40
51
1N4101
8.2
250
200
1.0
6.24
40
46
1N4102
8.7
250
200
1.0
6.61
40
44
1N4103
9.1
250
200
1.0
6.92
40
42
1N4104
10
250
200
1.0
7.60
40
38
1N4105
11
250
200
.05
8.44
40
35
1N4106
12
250
200
.05
9.12
40
32
1N4107
13
250
200
.05
9.87
40
29
1N4108
14
250
200
.05
10.65
40
27
1N4109
15
250
100
.05
11.40
40
25
1N4110
16
250
100
.05
12.15
40
24
1N4111
17
250
100
.05
12.92
40
22
1N4112
18
250
100
.05
13.67
40
21
1N4113
19
250
150
.05
14.44
40
20
1N4114
20
250
150
.01
15.20
40
19
1N4115
22
250
150
.01
16.72
40
17
1N4116
24
250
150
.01
18.25
40
16
1N4117
25
250
150
.01
19.00
40
15
1N4118
27
250
150
.01
20.46
40
14
1N4119
28
250
200
.01
21.28
40
14
1N4120
30
250
200
.01
22.80
40
13
1N4121
33
250
200
.01
25.08
40
12
1N4122
36
250
200
.01
27.38
40
11
1N4123
39
250
200
.01
29.65
40
9.8
1N4124
43
250
250
.01
32.65
40
8.9
1N4125
47
250
250
.01
35.75
40
8.1
1N4126
51
250
300
.01
38.76
40
7.5
1N4127
56
250
300
.01
42.60
40
6.7
1N4128
60
250
400
.01
45.60
40
6.4
1N4129
62
250
500
.01
47.10
40
6.1
1N4130
68
250
700
.01
51.68
40
5.6
1N4131
75
250
700
.01
57.00
40
5.1
1N4132
82
250
800
.01
62.32
40
4.6
1N4133
87
250
1000
.01
66.12
40
4.4
1N4134
91
250
1200
.01
69.16
40
4.2
1N4135
100
250
1500
.01
76.00
40
3.8
NOTE 1
The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of
the nominal Zener voltage. Vz is measured with the device junction in thermal
equilibrium at an ambient temperature of 25°C + 3°C. A “C” suffix denotes a + 2%
tolerance and a “D” suffix denotes a + 1% tolerance.
NOTE 2
Zener impedance is derived by superimposing on lZT, A 60 Hz rms a.c. current
equal to 10% of lZT (25
µ A a.c.).
MAXIMUM RATINGS
Junction and Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
Forward Voltage at 200 mA: 1.1 Volts maximum
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
250 ˚C/W maximum at L = .375 inch
THERMAL IMPEDANCE: (ZOJX): 35
˚C/W maximum
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: ANY.


Similar Part No. - 1N4118

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
1N4118 KNOX-1N4118 Datasheet
37Kb / 1P
   LOW LEVEL ZENER DIODES LOW CURRENT: 250關A - LOW NOISE
logo
Micro Commercial Compon...
1N4118 MCC-1N4118 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Microsemi Corporation
1N4118 MICROSEMI-1N4118 Datasheet
86Kb / 2P
   SILICON 500mA LOW NOISE ZENER DIODES
1N4118 MICROSEMI-1N4118 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
1N4118 MICROSEMI-1N4118 Datasheet
111Kb / 2P
   LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS
More results

Similar Description - 1N4118

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
   Low input current: 0.1 uA typical
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
TC07-11SURKWA KINGBRIGHT-TC07-11SURKWA Datasheet
355Kb / 6P
   Low current operation
TC07-11SYKWA KINGBRIGHT-TC07-11SYKWA Datasheet
353Kb / 6P
   Low current operation
SC05-11XWA KINGBRIGHT-SC05-11XWA Datasheet
1Mb / 5P
   Low current operation
SA36-11SURKWA KINGBRIGHT-SA36-11SURKWA Datasheet
374Kb / 6P
   Low current operation
SC36-11CGKWA KINGBRIGHT-SC36-11CGKWA Datasheet
372Kb / 6P
   Low current operation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com