Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4920 Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # 1N4920
Description  19.2 VOLT NOMINAL ZENER VOLTAGE 5%
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4920 Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  1N4920 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4920 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4916 thru 1N4932A
2
4
6
8
10
12
OPERATING CURRENT l
ZT
(mA)
FIGURE 2
ZENER IMPEDANCE VS. OPERATING CURRENT
.2
.4
.6
.8
OPERATING CURRENT l
ZT
(mA)
0.5
1.0
1.5
2.0
OPERATING CURRENT l
ZT
(mA)
1.0
2.0
3.0
4.0
OPERATING CURRENT l
ZT
(mA)
67
8
9
OPERATING CURRENT l
ZT
(mA)
234
5
6
OPERATING CURRENT l
ZT
(mA)
+.0015
+.0010
+.0005
0
-.0005
-.0010
-.0015
FIGURE 3
TYPICAL CHANGE OF TEMPERATURE COEFFICIENT
WITH CHANGE IN OPERATING CURRENT
+.0015
+.0010
+.0005
0
-.0005
-.0010
-.0015
1N4916—1N4918
1N4922—1N4924
1N4919—1N4921
1N4925—1N4928
1N4929—1N4932
1000
500
200
100
50
20
10


Similar Part No. - 1N4920

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4920 MICROSEMI-1N4920 Datasheet
71Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
New Jersey Semi-Conduct...
1N4920 NJSEMI-1N4920 Datasheet
164Kb / 1P
   Diode
logo
Digitron Semiconductors
1N4920 DIGITRON-1N4920 Datasheet
140Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Microsemi Corporation
1N4920A MICROSEMI-1N4920A Datasheet
71Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4920A DIGITRON-1N4920A Datasheet
140Kb / 2P
   19.2 VOLT LOW NOISE TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N4920

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4765 CDI-DIODE-CDLL4765 Datasheet
111Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
CD935 CDI-DIODE-CD935 Datasheet
167Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE 5%
1N4775 CDI-DIODE-1N4775 Datasheet
71Kb / 2P
   8.5 VOLT NOMINAL ZENER VOLTAGE 5%
1N4565A CDI-DIODE-1N4565A Datasheet
243Kb / 2P
   6.4 VOLT NOMINAL ZENER VOLTAGE 5%
CD3154 CDI-DIODE-CD3154 Datasheet
106Kb / 2P
   8.4 VOLT NOMINAL ZENER VOLTAGE 5%
1N4765 CDI-DIODE-1N4765 Datasheet
112Kb / 2P
   9.1 VOLT NOMINAL ZENER VOLTAGE 5%
logo
New Jersey Semi-Conduct...
1N4896A NJSEMI-1N4896A Datasheet
84Kb / 1P
   12.8 VOLT NOMINAL ZENER VOLTAGE 짹 5%
logo
Compensated Deuices Inc...
1N935 CDI-DIODE-1N935 Datasheet
107Kb / 2P
   9.0 VOLT NOMINAL ZENER VOLTAGE
1N941 CDI-DIODE-1N941 Datasheet
112Kb / 2P
   11.7 VOLT NOMINAL ZENER VOLTAGE
1N4057 CDI-DIODE-1N4057 Datasheet
50Kb / 2P
   12.4 THRU 200 VOLT NOMINAL ZENER VOLTAGES 5%
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com