Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT28F001TA-12TT Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT28F001TA-12TT
Description  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT28F001TA-12TT Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT28F001TA-12TT Datasheet HTML 2Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 3Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 4Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 5Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 6Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 7Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 8Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 9Page - Catalyst Semiconductor CAT28F001TA-12TT Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CAT28F001
6
Doc. No. 25071-00 2/98 F-1
A.C. CHARACTERISTICS, Program/Erase Operation
VCC = +5V ±10%
JEDEC
Standard
28F001-70
28F001-90
28F001-12
28F001-15
Symbol
Symbol
Parameter
Min. Max.
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tAVAV
tWC
Write Cycle Time
70
90
120
150
ns
tAVWH
tAS
Address Setup to WE Going High
35
40
40
40
ns
tWHAX
tAH
Address Hold Time from WE Going High 10
10
10
10
ns
tDVWH
tDS
Data Setup Time to WE Going High
40
40
40
ns
tWHDX
tDH
Data Hold Time from WE Going High
10
10
10
ns
tELWL
tCS
CE Setup Time to WE Going Low
0
0
0
ns
tWHEH
tCH
CE Hold Time from WE Going High
0
0
0
ns
tWLWH
tWP
WE Pulse Width
40
40
40
ns
tWHWL
tWPH
WE High Pulse Width
10
10
10
ns
tWHGL
Write Recovery Time Before Read
0
0
0
µs
tPHWL
tPS(1)
RP High Recovery to WE Going Low
480
480
480
ns
tPHHWH
tPHS(1)
RP VHH Setup to WE Going High
100
100
100
ns
tVPWH
tVPS(1)
VPP Setup to WE Going High
100
100
100
ns
tWHQV1
Duration of Programming Operations
15
15
15
15
µs
tWHQV2
Duration of Erase Operations (Boot)
1.3
1.3
1.3
1.3
Sec
tWHQV3
Duration of Erase Operations (Parameter)
1.3
1.3
1.3
1.3
Sec
tWHQV4
Duration of Erase Operations (Main)
3
3
3
3
Sec
tQVVL
tVPH(1)
VPP Hold from Valid Status Reg Data
0
0
0
0
ns
tQVPH
tPHH(1)
RP VHH Hold from Status Reg Data
0
0
0
0
ns
tPHBR(1)
Boot Block Relock Delay
100
100
100
100
ns
tGHHWL
OE VHH Setup to WE Going Low
480
480
480
480
ns
tWHGH
OE VHH Hold from WE High
480
480
480
480
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
35
10
0
0
35
10
0
480
100
100


Similar Part No. - CAT28F001TA-12TT

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT28F001TA-12TT CATALYST-CAT28F001TA-12TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F001TA-12TT ONSEMI-CAT28F001TA-12TT Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
More results

Similar Description - CAT28F001TA-12TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT28F001 ONSEMI-CAT28F001 Datasheet
117Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com