Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4694 Datasheet(PDF) 2 Page - Compensated Deuices Incorporated

Part # 1N4694
Description  50 uA, LOW OPERATING CURRENT, ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4694 Datasheet(HTML) 2 Page - Compensated Deuices Incorporated

  1N4694 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4694 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4678 thru 1N4717
0
25
50
75
100
125
150
175
TL, Lead temperature (C°) 3/8” from body
POWER DERATING CURVE
500
400
300
200
100
0
FIGURE 2
.1
.2 .3 .4 .5
1
2
5
10
20
30 40
50
100
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
3.3
VOL
T
27
VOL
T
11
VOL
T
6.2
VOL
T


Similar Part No. - 1N4694

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4694 VISHAY-1N4694 Datasheet
67Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 2, 01-Apr-99
logo
Digitron Semiconductors
1N4694 DIGITRON-1N4694 Datasheet
120Kb / 2P
   SILICON 250mW ZENER DIODES
logo
General Semiconductor
1N4694 GE-1N4694 Datasheet
40Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
1N4694 MCC-1N4694 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
logo
Knox Semiconductor, Inc
1N4694 KNOX-1N4694 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
More results

Similar Description - 1N4694

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL4678 CDI-DIODE-CDLL4678 Datasheet
112Kb / 2P
   50 uA, LOW OPERATING CURRENT, ZENER DIODES
logo
New Jersey Semi-Conduct...
1N4678 NJSEMI-1N4678 Datasheet
145Kb / 1P
   50 uA, LOW OPERATING CURRENT, ZENER DIODE
logo
Knox Semiconductor, Inc
1N4678 KNOX-1N4678 Datasheet
36Kb / 1P
   LOW LEVEL ZENER DIODES ULTRA-LOW CURRENT: 50 關A - LOW LEAKAGE
logo
Compensated Deuices Inc...
1N4099 CDI-DIODE-1N4099 Datasheet
98Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Guangdong Youtai Semico...
SN74LVC1G14 UMW-SN74LVC1G14_V01 Datasheet
1Mb / 14P
   Low input current: 0.1 uA typical
logo
Compensated Deuices Inc...
1N4614 CDI-DIODE-1N4614 Datasheet
112Kb / 2P
   LOW CURRENT OPERATION AT 250 uA
logo
Microsemi Corporation
1N2804B MICROSEMI-1N2804B_10 Datasheet
201Kb / 6P
   50 WATT ZENER DIODES
logo
NTE Electronics
NTE5270A NTE-NTE5270A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
logo
Microsemi Corporation
1N2846B MICROSEMI-1N2846B Datasheet
236Kb / 4P
   50 Watt Zener Diodes
logo
New Jersey Semi-Conduct...
1N2804 NJSEMI-1N2804 Datasheet
227Kb / 2P
   50 WATTS ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com