Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si4736 Datasheet(PDF) 6 Page - Silicon Laboratories

Part # Si4736
Description  BROADCAST MULTI-BAND RADIO RECEIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4736 Datasheet(HTML) 6 Page - Silicon Laboratories

Back Button Si4736 Datasheet HTML 2Page - Silicon Laboratories Si4736 Datasheet HTML 3Page - Silicon Laboratories Si4736 Datasheet HTML 4Page - Silicon Laboratories Si4736 Datasheet HTML 5Page - Silicon Laboratories Si4736 Datasheet HTML 6Page - Silicon Laboratories Si4736 Datasheet HTML 7Page - Silicon Laboratories Si4736 Datasheet HTML 8Page - Silicon Laboratories Si4736 Datasheet HTML 9Page - Silicon Laboratories Si4736 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Si473x-B20
6
Rev. 0.5
Table 3. DC Characteristics
(VDD = 2.7 to 5.5 V, VIO = 1.5 to 3.6 V, TA = –20 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
FM Mode
Supply Current
IFM
—19.2
22
mA
Supply Current1
IFM
Low SNR level
19.8
23
mA
RDS Supply Current2
IFM
—19.9
23
mA
WB Mode (Si4736/37/38/39 only)
Supply Current
IFM
—19.2
22
mA
Supply Current1
IFM
Low SNR level
19.8
23
mA
AM Mode (Si4730/31/34/35/36/37 only)
Supply Current
IAM
17.3
20.5
mA
Supplies and Interface
Interface Supply Current
IIO
—320
600
µA
VDD Powerdown Current
IDDPD
—10
20
µA
VIO Powerdown Current
IIOPD
SCLK, RCLK inactive
1
10
µA
High Level Input Voltage3
VIH
0.7 x VIO
—VIO +0.3
V
Low Level Input Voltage3
VIL
–0.3
0.3 x VIO
V
High Level Input Current3
IIH
VIN = VIO = 3.6 V
–10
10
µA
Low Level Input Current3
IIL
VIN =0V,
VIO =3.6 V
–10
10
µA
High Level Output Voltage4
VOH
IOUT = 500 µA
0.8 x VIO
——
V
Low Level Output Voltage4
VOL
IOUT = –500 µA
0.2 x VIO
V
Notes:
1. LNA is automatically switched to higher current mode for optimum sensitivity in weak signal conditions.
2. Specifications are guaranteed by characterization.
3. For input pins SCLK, SEN, SDIO, RST, RCLK, DCLK, and DFS.
4. For output pins SDIO, DOUT, GPO1, GPO2, and GPO3.


Similar Part No. - Si4736

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4736 SILABS-SI4736 Datasheet
3Mb / 302P
   Si47XX PROGRAMMING GUIDE
SI4736 SILABS-SI4736 Datasheet
1Mb / 69P
   Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
SI4736 SILABS-SI4736 Datasheet
2Mb / 68P
   Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
Si4736 SILABS-Si4736 Datasheet
9Mb / 164P
   Thank you for purchasing the Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
More results

Similar Description - Si4736

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4736-B20 SILABS-SI4736-B20 Datasheet
624Kb / 38P
   BROADCAST WEATHER BAND RADIO RECEIVER
SI4736-C40 SILABS-SI4736-C40 Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-C40-GU SILABS-SI4730-C40-GU Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D60 SILABS-SI4730-D60 Datasheet
990Kb / 3P
   Broadcast AM/FM Radio Receiver
SI4730 SILABS-SI4730 Datasheet
197Kb / 2P
   Broadcast AM/FM Radio Receiver
SI4736-C40-GUR SILABS-SI4736-C40-GUR Datasheet
1Mb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4730-D50 SILABS-SI4730-D50 Datasheet
557Kb / 34P
   BROADCAST AM/FM RADIO RECEIVER
logo
Skyworks Solutions Inc.
SI4730-D50 SKYWORKS-SI4730-D50 Datasheet
413Kb / 33P
   BROADCAST AM/FM RADIO RECEIVER
Revision 0.2 to Revision 1.0
logo
Silicon Laboratories
SI4730-C40-GM SILABS-SI4730-C40-GM Datasheet
370Kb / 42P
   BROADCAST AM/FM RADIO RECEIVER
SI4704-D50 SILABS-SI4704-D50 Datasheet
1Mb / 34P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com