Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL1206A151K Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # RL1206A151K
Description  Metal Oxide Varistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RL1206A151K Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  RL1206A151K Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RL1206A151K Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RL1206A151K Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RL1206A151K Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RL1206A151K Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Metal Oxide Varistors - RL1210A Series
Electrical Rating
No
ltem
Test Condition / Description
Requirement
1
Operation
Range
1. -40°C ~ 85°C
-
2
Leakage
current
Satisfaction to the specification, under 1uA
Applied voltage : specified working voltage
3
Capacitance Satisfaction to the specification, under 1pF
Frquency & OSC level : 1MHz, 1.0Vrms
4
Solderability More than 90% of the terminal electrode
shall be covered with new solder.
1. Type of solder : H63A
2. Soldering Temp & Time : 230+/-5°C, 5+/-1 sec
5
Reflow
soldering
1. No Serious mechanical damage
2. More than 50% of the terminal electrode
shall be covered with new solder
3. Leakage Currrent :≤ 10uA
1. Type of solder : H63A
2. Temp & Time : max 260+/-5°C, min 10sec
* Refer to the soldering profile of page 6
6
Humidity
Load Test
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
Test Temp. & Relative Humidity & Time : 85+/- 5°C,
85 +/- 5% RH, Vw Applied, 500 +/- 12hrs
7
Thermal
Shock
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
1. Step 1 : -40 +/- 5°C, Step 2 : 85 +/- 5°C
2. Cycle : 30min ± 3min, each 5 cycles
8
High Temp.
Test
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
Temp. & time : 85+/-5°C , 1000 +/- 24hrs
9
Adhesive
strength
1. No Serious mechanical damage
under condition of
1005 : min 0.5kgf, 1608 : min 1.0kgf
10
ESD
1. No mechanical damage after test
2. Leakage Current :≤ 10uA
* ESD gun (IEC61000-4-2 standard)
* C=150pF R=330Ω
1. Contact discharge
* Voltage :+/-8kV(Level 4)
* Number : 10 times in 10sec
2. Air discharge
* Voltage :+/-15kV(Level 4)
* Number : 10 times in 10sec
W [kgf] min.


Similar Part No. - RL1206A151K

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RL1206A101K RUILON-RL1206A101K Datasheet
721Kb / 5P
   Metal Oxide Varistors
RL1206A180K RUILON-RL1206A180K Datasheet
721Kb / 5P
   Metal Oxide Varistors
More results

Similar Description - RL1206A151K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com