Electronic Components Datasheet Search |
|
BA2901SF-E2 Datasheet(PDF) 6 Page - Rohm |
|
BA2901SF-E2 Datasheet(HTML) 6 Page - Rohm |
6 / 56 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 6/53 11.Dec.2013 Rev.003 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339xx BA2903xxx BA2903Sxxx BA2903Wxx BA2901xx BA2901Sxx Electrical Characteristics ○BA8391G(Unless otherwise specified VCC=+5V, VEE=0V, Ta=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 19,20) VIO 25°C - 2 7 mV OUT=1.4V Full range - - 15 VCC=5 to 36V, OUT=1.4V Input Offset Current (Note 19,20) IIO 25°C - 5 50 nA OUT=1.4V Full range - - 200 Input Bias Current (Note 20,21) IB 25°C - 50 250 nA OUT=1.4V Full range - - 500 Input Common-mode Voltage Range VICM 25°C 0 - VCC-1.5 V - Large Signal Voltage Gain AV 25°C 25 100 - V/mV VCC=15V, OUT=1.4 to 11.4V RL=15kΩ, VRL=15V 88 100 - dB Supply Current (Note 20) ICC 25°C - 0.3 0.7 mA OUT=Open Full range - - 1.3 OUT=Open, VCC=36V Output Sink Current (Note 22) ISINK 25°C 6 16 - mA +IN=0V, -IN=1V OUT=1.5V Output Saturation Voltage (Note 20) (Low Level Output Voltage) VOL 25°C - 150 400 mV +IN= 0V, -IN=1V ISINK=4mA Full range - - 700 Output Leakage Current (Note 20) (High Level Output Current) ILEAK 25°C - 0.1 - nA +IN=1V, -IN=0V OUT=5V Full range - - 1 μA +IN=1V, -IN=0V OUT=36V Response Time tRE 25°C - 1.3 - μs RL=5.1kΩ, VRL=5V IN=100mVP-P, Overdrive=5mV - 0.4 - RL=5.1kΩ, VRL=5V, IN=TTL Logic Swing, VREF=1.4V (Note 19) Absolute value (Note 20) Full range Ta=-40°C to +85°C (Note 21) Current Direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. (Note 22) Under high temperatures, please consider the power dissipation when selecting the output current. When the output terminal is continuously shorted the output current reduces the internal temperature by flushing. |
Similar Part No. - BA2901SF-E2 |
|
Similar Description - BA2901SF-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |