Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLSD32A081LV Datasheet(PDF) 6 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD32A081LV
Description  TVS/ESD Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD32A081LV Datasheet(HTML) 6 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD32A081LV Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD32A081LV Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD32A081LV Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD32A081LV Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD32A081LV Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD32A081LV Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD32A081LV Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TVS/ESD Arrays - RLSD32AxxxLC Series
Circuit Protection
System
Page:5
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Dimensions
Symbol
Inches
Millimeters
Min
Max
Min
Max
A
---
0.043
---
1.1
B
0.004
0.010
0.10
0.25
C
0.045
0.054
1.2
1.4
D
0.012
0.016
0.3
0.4
E
0.060
0.071
1.5
1.8
F
0.090
0.107
2.3
2.7
G
0.006
0.010
0.15
0.25
Ordering Information
Tape and reel
Part Number
Package
Min. Order Qty.
RLSD32AxxxLC
SOD-323
3000pcs
A-A
12.3
9.5
12.3
R25.6
3000
2500
2000
1500
1000
500
· Storage Conditions:
1. Storage Temperature: -10°C~+40°C
2. Relative Humidity:≤75%RH
3. Keep away from corrosive atmosphere and sunlight.
4. Period of Storage: 1 year
Warehouse Storage Conditions of Products


Similar Part No. - RLSD32A081LV

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD32A081LV RUILON-RLSD32A081LV Datasheet
801Kb / 7P
   TVS/ESD Arrays
More results

Similar Description - RLSD32A081LV

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com