Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLSD32AXXXLV Datasheet(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD32AXXXLV
Description  TVS/ESD Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD32AXXXLV Datasheet(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD32AXXXLV Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD32AXXXLV Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD32AXXXLV Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD32AXXXLV Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD32AXXXLV Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD32AXXXLV Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD32AXXXLV Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TVS/ESD Arrays - RLSD32AxxxLV Series
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
• 350 Watts peak pulse power (tp = 8/20μs)
• Transient protection for data lines to
IEC 61000-4-2 (ESD) ±15kV (air), ±8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 24A (8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’s in ESD protection
applications
• Protects one I/O or power line
• Low clamping voltage
• Working voltages: 5V,8V, 12V, 15V, 18V,24V,36V
• Low leakage current
• Solid-state silicon avalanche technology
Features
Mechanical Characteristics
• EIAJ SOD-323 package
• Molding compound flammability rating: UL 94V-0
• Marking :
• Packaging : Tape and Reel per EIA 481
Applications
• Cell Phone Handsets and Accessories
• Microprocessor based equipment
• Personal Digital Assistants (PDA’s)
• Notebooks, Desktops, and Servers
• Portable Instrumentation
• Pagers Peripherals
• Not Intended for Use in Life Support or Life
Saving Applications
• The products shown herein are not designed
for use in life sustaining or life saving
applications unless otherwise expressly indicated
Life Support Note
Pinout and Functional Block Diagram
UNIDIRECTIONAL
LV SERIES


Similar Part No. - RLSD32AXXXLV

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
More results

Similar Description - RLSD32AXXXLV

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com