Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C04RI-TE13 Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT25C04RI-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C04RI-TE13 Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT25C04RI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C04RI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
CAT25C01/02/04/08/16
Doc. No. 25067-00 5/00
Advanced Information
FUNCTIONAL DESCRIPTION
The CAT25C01/02/04/08/16 supports the SPI bus data
transmission protocol. The synchronous Serial Periph-
eral Interface (SPI) helps the CAT25C01/02/04/08/16 to
interface directly with many of today’s popular
microcontrollers. The CAT25C01/02/04/08/16 contains
an 8-bit instruction register. (The instruction set and the
operation codes are detailed in the instruction set table)
After the device is selected with
CS going low, the first
byte will be received. The part is accessed via the SI pin,
with data being clocked in on the rising edge of SCK.
The first byte contains one of the six op-codes that define
the operation to be performed.
PIN DESCRIPTION
SI: Serial Input
SI is the serial data input pin. This pin is used to input all
opcodes, byte addresses, and data to be written to the
25C01/02/04/08/16. Input data is latched on the rising
edge of the serial clock for SPI modes (0, 0 & 1, 1).
SO: Serial Output
SO is the serial data output pin. This pin is used to
transfer data out of the 25C01/02/04/08/16. During a
read cycle, data is shifted out on the falling edge of the
serial clock for SPI modes (0,0 & 1,1).
SCK: Serial Clock
SCK is the serial clock pin. This pin is used to synchro-
nize the communication between the microcontroller
and the 25C01/02/04/08/16. Opcodes, byte addresses,
or data present on the SI pin are latched on the rising
edge of the SCK. Data on the SO pin is updated on the
falling edge of the SCK for SPI modes (0,0 & 1,1) .
CS
CS
CS
CS
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT25C01/
02/04/08/16 and
CS high disables the CAT25C01/02/
04/08/16.
CS high takes the SO output pin to high
impedance and forces the devices into a Standby Mode
(unless an internal write operation is underway)
The
CAT25C01/02/04/08/16 draws ZERO current in the
Standby mode. A high to low transition on
CS is required
prior to any sequence being initiated. A low to high
transition on
CS after a valid write sequence is what
initiates an internal write cycle.
WP
WP
WP
WP
WP: Write Protect
WP is the Write Protect pin. The Write Protect pin will
allow normal read/write operations when held high.
When
WP is tied low and the WPEN bit in the status
register is set to “1”, all write operations to the status
register are inhibited.
WP going low while CS is still low
will interrupt a write to the status register. If the internal
write cycle has already been initiated,
WP going low will
have no effect on any write operation to the status
register. The
WP pin function is blocked when the WPEN
bit is set to 0.
Figure 10 illustrates the
WP timing
sequence during a write operation.
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 X011(1)
Read Data from Memory
WRITE
0000 X010(1)
Write Data to Memory
INSTRUCTION SET
Note:
(1) X=0 for 25C01, 25C02, 25C08, 25C16. X=A8 for 25C04
(2) This parameter is tested initially and after a design or process change that affects the parameter.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(2)(3)
Symbol
Parameter
Max.
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Similar Part No. - CAT25C04RI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C04 CATALYST-CAT25C04 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04LI-1.8TE13 CATALYST-CAT25C04LI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04LITE13 CATALYST-CAT25C04LITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04VI-1.8TE13 CATALYST-CAT25C04VI-1.8TE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C04VITE13 CATALYST-CAT25C04VITE13 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C04RI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com