Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4583 Datasheet(PDF) 1 Page - Compensated Deuices Incorporated

Part # 1N4583
Description  6.4 VOLT NOMINAL ZENER VOLTAGE 5%
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated

1N4583 Datasheet(HTML) 1 Page - Compensated Deuices Incorporated

  1N4583 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N4583 Datasheet HTML 2Page - Compensated Deuices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
22 COREY STREET, MELROSE, MASSACHUSETTS 02176
PHONE (781) 665-1071
FAX (781) 665-7379
WEBSITE: http://www.cdi-diodes.com
E-mail: mail@cdi-diodes.com
• 1N4565A-1 THRU 1N4584A-1 AVAILABLE IN
JAN, JANTX, JANTXV AND JANS
PER MIL-PRF-19500/452
• 6.4 VOLT NOMINAL ZENER VOLTAGE + 5%
• TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
• METALLURGICALLY BONDED
1N4565 thru 1N4584A
and
1N4565A-1 thru 1N4584A-1
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass
case. DO – 35 outline.
LEAD MATERIAL: Copper clad steel.
LEAD FINISH: Tin / Lead
POLARITY: Diode to be operated with
the banded (cathode) end positive.
MOUNTING POSITION: ANY.
MAXIMUM RATINGS
Operating Temperature: -65°C to +175°C
Storage Temperature: -65°C to +175°C
DC Power Dissipation: 500mW @ +50°C
Power Derating: 4 mW / °C above +50°C
REVERSE LEAKAGE CURRENT
lR = 2
µA @ 25°C & V
R = 3Vdc
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
JEDEC
ZENER
EFFECTIVE
VOLTAGE
TEMPERATURE
MAX. DYNAMIC
TYPE
TEST
TEMPERATURE
TEMPERATURE
RANGE
ZENER
NUMBER
CURRENT
COEFFICIENT
STABILITY
IMPEDANCE
(
V
ZT MAX)
(Note 1)
(Note 2)
mA
%/°C
mV
°C
OHMS
1N4565
.5
.01
48
0 to + 75°C
200
1N4565A
.5
.01
100
-55 to + 100°C
200
1N4566
.5
.005
24
0 to + 75°C
200
1N4566A
.5
.005
50
-55 to + 100°C
200
1N4567
.5
.002
10
0 to + 75°C
200
1N4567A
.5
.002
20
-55 to + 100°C
200
1N4568
.5
.001
5
0 to + 75°C
200
1N4568A
.5
.001
10
-55 to + 100°C
200
1N4569
.5
.0005
2.5
0 to + 75°C
200
1N4569A
.5
.0005
5
-55 to + 100°C
200
1N4570
1.0
.01
48
0 to + 75°C
100
1N4570A
1.0
.01
100
-55 to + 100°C
100
1N4571
1.0
.005
24
0 to + 75°C
100
1N4571A
1.0
.005
50
-55 to + 100°C
100
1N4572
1.0
.002
10
0 to + 75°C
100
1N4572A
1.0
.002
20
-55 to + 100°C
100
1N4573
1.0
.001
5
0 to + 75°C
100
1N4573A
1.0
.001
10
-55 to + 100°C
100
1N4574
1.0
.0005
2.5
0 to + 75°C
100
1N4574A
1.0
.0005
5
-55 to + 100°C
100
1N4575
2.0
.01
48
0 to + 75°C
50
1N4575A
2.0
.01
100
-55 to + 100°C
50
1N4576
2.0
.005
24
0 to + 75°C
50
1N4576A
2.0
.005
50
-55 to + 100°C
50
1N4577
2.0
.002
10
0 to + 75°C
50
1N4577A
2.0
.002
20
-55 to + 100°C
50
1N4578
2.0
.001
5
0 to + 75°C
50
1N4578A
2.0
.001
10
-55 to + 100°C
50
1N4579
2.0
.0005
2.5
0 to + 75°C
50
1N4579A
2.0
.0005
5
-55 to + 100°C
50
1N4580
4.0
.01
48
0 to + 75°C
25
1N4580A
4.0
.01
100
-55 to + 100°C
25
1N4581
4.0
.005
24
0 to + 75°C
25
1N4581A
4.0
.005
50
-55 to + 100°C
25
1N4582
4.0
.002
10
0 to + 75°C
25
1N4582A
4.0
.002
20
-55 to + 100°C
25
1N4583
4.0
.001
5
0 to + 75°C
25
1N4583A
4.0
.001
10
-55 to + 100°C
25
1N4584
4.0
.0005
2.5
0 to + 75°C
25
1N4584A
4.0
.0005
5
-55 to + 100°C
25
NOTE 1
The maximum allowable change observed over the entire temperature range i.e.,
the diode voltage will not exceed the specified mV at any discrete
temperature between the established limits, per JEDEC standard No.5.
NOTE 2
Zener impedance is derived by superimposing on l
ZT
A 60Hz rms a.c. current
equal to 10% of l
ZT
.


Similar Part No. - 1N4583

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4583 MICROSEMI-1N4583 Datasheet
82Kb / 2P
   6.4 VOLT TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
1N4583 MICROSEMI-1N4583 Datasheet
246Kb / 4P
   6.4 Volt Temperature Compensated Zener Reference Diodes
logo
New Jersey Semi-Conduct...
1N4583 NJSEMI-1N4583 Datasheet
135Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
logo
Digitron Semiconductors
1N4583 DIGITRON-1N4583 Datasheet
131Kb / 3P
   6.4 VOLT TEMPERATURE COMPENSATED 6.4 VOLT TEMPERATURE COMPENSATED
logo
American Microsemicondu...
1N4583 AMMSEMI-1N4583 Datasheet
311Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES
More results

Similar Description - 1N4583

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
CD4565 MICROSEMI-CD4565 Datasheet
263Kb / 2P
   6.4 VOLT ZENER VOLTAGE 5%
logo
Compensated Deuices Inc...
CD4565 CDI-DIODE-CD4565 Datasheet
253Kb / 2P
   6.4 VOLT ZENER VOLTAGE 5%
logo
American Microsemicondu...
1N4566A AMMSEMI-1N4566A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570A AMMSEMI-1N4570A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4570 AMMSEMI-1N4570 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568A AMMSEMI-1N4568A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4569A AMMSEMI-1N4569A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567 AMMSEMI-1N4567 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4567A AMMSEMI-1N4567A Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
1N4568 AMMSEMI-1N4568 Datasheet
298Kb / 1P
   TEMPERATURE COMPENSATED ZENER REFERENCE DIODES 6.4 VOLT NOMINAL ZENER VOLTAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com