Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D-610-10 Datasheet(PDF) 8 Page - Tyco Electronics

Part # D-610-10
Description  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D-610-10 Datasheet(HTML) 8 Page - Tyco Electronics

  D-610-10 Datasheet HTML 1Page - Tyco Electronics D-610-10 Datasheet HTML 2Page - Tyco Electronics D-610-10 Datasheet HTML 3Page - Tyco Electronics D-610-10 Datasheet HTML 4Page - Tyco Electronics D-610-10 Datasheet HTML 5Page - Tyco Electronics D-610-10 Datasheet HTML 6Page - Tyco Electronics D-610-10 Datasheet HTML 7Page - Tyco Electronics D-610-10 Datasheet HTML 8Page - Tyco Electronics D-610-10 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Shielded Contacts
8-74
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Contact
Cable Diameter
Military
Wire
Raychem
Size
Polarity
Cable Type
Specification*
JOD
SOD
DOD
COD
(AWG)
SolderTacts
M39029/74-400
2.39–3.56
1.96–2.49
1.32–2.06
.28–.74
24–32
D-602-0094
12
P
Coaxial
[.094-.140]
[.077-.098]
[.052-.081]
[.011-.029]
M39029/73-397
2.39–3.56
1.96–2.49
1.32–2.06
.28–.74
24–32
D-602-0095
12
S
Coaxial
[.094-.140]
[.077-.098]
[.052-.081]
[.011-.029]
M39029/74-401
.74–1.45
.28–.74
24–32
D-602-0104
12
P
Twisted pair
[.029-.057]
[.011-.029]
M39029/73-398
.74–1.45
.28–.74
24–32
D-602-0105
12
S
Twisted pair
[.029-.057]
[.011-.029]
M39029/74-399
3.05–3.68
3.10–3.15
2.36–2.67
.28–.74
24–32
D-602-0106
12
P
Large coaxial
[.120-.145]
[.122-.124]
[.093-.105]
[.011-.029]
M39029/73-396
3.05–3.68
3.10–3.15
2.36–2.67
.28–.74
24–32
D-602-0107
12
S
Large coaxial
[.120-.145]
[.122-.124]
[.093-.105]
[.011-.029]
* These SolderTacts contacts are on qualified parts list for indicated specification.
Tooling Selection Guide
Engineering
Convection
Raychem
Standard
(Hot Air) Heating
Repair
Contact
Contact
Special
SolderTacts
(Termination
AT-1319
Wand
Insertion
Removal
Tools
Part Number
Instructions)
Adapter
Tool
Tool
D-602-0094/0095
ES61128
AT-1319-19
AD-1494
AD-1527
AD-1527
AD-1496
D-602-0106/0107
ES61134
Rev. D
Rev. C
(M81969/14-04)
(M81969/14-04)
(twisted)
D-602-0104/0105
ES61129
Note:
AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air
Heating Tool shown on page 10-13.
Raychem SolderTacts
Size
Polarity
Cable Type
Contact Military
Reference
Specification
D-602-0185
16
socket
Coaxial
D-602-0094
12
pin
Coaxial
M39029/74
D-602-0093*
12
socket
Coaxial
M39029/73
D-602-0106
12
pin
Coax (large)
M39029/74
D-602-0189*
12
socket
Coax (large)
M39029/73
*These SolderTacts contacts are intermateable with M39029/73, but are not on QPL.
Raychem SolderTacts
Size
Polarity
Cable Type
Contact Military
Reference
Specification
D-602-0186
8
pin
Twisted pair
M39029/96
D-602-0187
8
socket
Twisted pair
M39029/95
DK-602-0186-2
8
pin
Sh. twisted pair
M39029/96
DK-602-0187-2
8
socket
Sh. twisted pair
M39029/95
** These SolderTacts contacts are designed for shielded twisted pair cable per MIL-STD-1553B.
SolderTacts Series:
MIL-C-83723
SolderTacts Series:
DOD-C-83527
SolderTacts Series:
DOD-C-83527
(data bus contacts)**


Similar Part No. - D-610-10

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
D-60 MEANWELL-D-60 Datasheet
385Kb / 2P
   60W Dual Output Switching Power Supply
D-60 MEANWELL-D-60 Datasheet
392Kb / 2P
   60W Dual Output Switching Power Supply
logo
Tyco Electronics
D-600-0044-1 MACOM-D-600-0044-1 Datasheet
129Kb / 6P
   SPECIFICATION CONTROL DRAWING
D-600-0044-2 MACOM-D-600-0044-2 Datasheet
129Kb / 6P
   SPECIFICATION CONTROL DRAWING
D-600-0044-3 MACOM-D-600-0044-3 Datasheet
129Kb / 6P
   SPECIFICATION CONTROL DRAWING
More results

Similar Description - D-610-10

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com