Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376391-4 Datasheet(PDF) 88 Page - Tyco Electronics

Part # 3-1376391-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376391-4 Datasheet(HTML) 88 Page - Tyco Electronics

Back Button 3-1376391-4 Datasheet HTML 84Page - Tyco Electronics 3-1376391-4 Datasheet HTML 85Page - Tyco Electronics 3-1376391-4 Datasheet HTML 86Page - Tyco Electronics 3-1376391-4 Datasheet HTML 87Page - Tyco Electronics 3-1376391-4 Datasheet HTML 88Page - Tyco Electronics 3-1376391-4 Datasheet HTML 89Page - Tyco Electronics 3-1376391-4 Datasheet HTML 90Page - Tyco Electronics 3-1376391-4 Datasheet HTML 91Page - Tyco Electronics 3-1376391-4 Datasheet HTML 92Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
350779
171, 174, 182-185,
197-200
350780
171, 174
350781
171, 174
350782
171, 174
350783
171, 174
350784
171, 174
350786
171, 182, 191, 197
350787
171, 182, 191, 197
350789
171, 182, 191, 197
350790
171, 182, 191, 197
350792
171, 182, 191, 197
350793
171, 182, 191, 197
350809
171, 174, 182-183,
185, 197-198
350810
171, 174, 193
350811
173
350812
173
350824
171, 183, 191, 198
350825
171, 183, 191, 198
350826
171, 183, 191, 198
350827
171, 183, 191, 198
350828
171, 183, 191, 198
350829
171, 183, 191, 198
350830
171, 183, 191, 198
350831
171, 183, 191, 198
350832
171, 183, 191, 198
350833
171, 183, 191, 198
350834
171, 183, 191, 198
350835
171, 183, 191, 198
350836
171, 183, 191, 198
350837
171, 183, 191, 198
350838
112
350848
185
350849
185
350851
172, 212
350865
171, 174
350866
171, 174
350867
171, 174
350871
173
350873
172, 213
350874
172, 213
350877
173
350918
172
350919
172
350922
172, 213
350923
172, 213
350924
172, 212
350925
172, 212
350942
171, 183, 191, 200
350943
171, 183, 191, 200
350944
171, 183, 191, 200
350945
171, 183, 191, 200
350948
171, 185
350949
171, 185
350967
106, 205
350968
106, 205
350969
106, 205
350986
171, 183
350987
171, 183
350988
171, 183
350989
171, 183
Part No.
Page
350561
172, 212
350570
172, 212
350576
153, 162
350577
153, 162
350578
153, 162
350579
153, 162
350582
171, 182
350583
171, 182
350584
171, 182
350585
171, 182
350586
171, 182
350587
171, 182
350588
171, 182
350589
175
350590
173
350591
112
350628
55, 211
350629
55, 211
350638
155
350639
155
350641
153, 162
350642
153, 162
350643
153, 162
350644
153, 162
350654
173, 181, 213
350669
173, 181
350687
173, 181, 213
350689
172
350690
172
350699
173, 213
350700
173, 213
350705
173, 181
350706
173
350707
173
350711
171, 182, 191, 197
350712
171, 182, 191, 197
350713
171, 182, 191, 197
350714
171, 182, 191, 197
350715
171, 174, 182-183,
197-198
350720
171, 174, 182-183,
197-198
350732
171, 182, 191, 197
350735
171, 174, 182-183,
197-198
350736
171, 174, 182-183,
197-198
350737
171, 182, 191, 197
350738
171, 182, 191, 197
350742
171, 182, 191, 197
350759
171, 183
350760
171, 183
350761
171, 183
350762
171, 183
350763
171, 183
350764
171, 183
350765
171, 183
350766
171, 174, 182-185,
197-200
350767
171, 174
350777
171, 174, 182-185,
197-200
350778
171, 174
Part No.
Page
350990
171, 183
350991
171, 183
350992
171, 183
353891
60, 78
380935
116
380936
116
380937
116
380991
153, 161
380999
153, 161
480270
153, 158, 160-161
480271
153, 160
480273
153, 159
480274
153, 159
480275
153, 159
480276
153, 159, 162
480277
153, 159, 162
480278
153, 159, 162
480283
153, 158, 160-161
480284
153, 160
480285
153, 158, 160-161
480286
153, 160
480287
153, 160-161
480288
153, 160
480303
153, 157, 161, 163
480304
153, 159
480305
153, 157, 159
480318
153, 157, 161, 163
480319
153, 157
480323
153, 159
480324
153, 159, 162
480339
153, 158
480340
153, 158
480345
153, 158
480349
153, 157
480350
153, 157
480351
153, 157
480387
153, 157
480388
153, 157
480393
153, 157
480400
153, 157
480401
153, 157
480424
154, 157, 165, 163-164
480425
154, 159
480426
154, 157, 165, 162-163
480438
153, 160-161
480439
153, 160
480498
153, 157
480510
166
480512
166
480585
166
480586
166
480594
116
480634
116
480672
167
480673
167
480698
171, 174, 182-184
480699
171, 174
480700
171, 174, 182-184
480701
171, 174
480702
171, 174, 182-185
480703
171, 174
480704
171, 174, 182-183
Part No.
Page
480705
171, 174
480706
171, 174, 182-183
480707
171, 174
480708
171, 174, 182-183
480709
171, 174
480710
171, 174, 182-183
480711
171, 174
480720
153,158,161
480721
153,158,161
480722
158, 161
480763
171, 174, 182-183, 185
480764
171, 174
480772
154
640309
172
640310
172
640347
172
640391
55, 211
640392
55, 211
640415
173
640466
171, 182
640467
171, 183
640497
105, 112
640498
105, 112
640499
105, 112
640500
105, 112
640501
105, 112
640502
105, 112
640503
105, 112
640504
105, 112
640505
105, 112
640506
105, 112
640507
105, 107
640508
105, 107
640509
105, 107
640510
105, 107
640511
105, 108
640512
105, 108
640513
105, 108
640514
105, 108
640515
105, 108
640516
105, 108
640517
105, 107, 112
640518
105, 107, 112
640519
105, 107, 112
640520
105, 107, 112
640521
105, 108, 112
640522
105, 108, 112
640523
105, 108, 112
640524
105, 108, 112
640525
105, 108, 112
640526
105, 108, 112
640545
112
640579
112
640580
112
640581
171, 174, 182-183, 185
640582
171, 174, 182, 185
640583
171, 185
640584
171, 185
640585
171, 174, 182, 185
640586
171, 174, 182, 185
640587
171, 185
640713
180, 196
Part No.
Page
222
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Part Number Index (Continued)
AMP
Soft Shell
Pin and Socket Connectors


Similar Part No. - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376391-4 MACOM-3-1376391-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376391-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com