Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376382-4 Datasheet(PDF) 72 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 72 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 68Page - Tyco Electronics 3-1376382-4 Datasheet HTML 69Page - Tyco Electronics 3-1376382-4 Datasheet HTML 70Page - Tyco Electronics 3-1376382-4 Datasheet HTML 71Page - Tyco Electronics 3-1376382-4 Datasheet HTML 72Page - Tyco Electronics 3-1376382-4 Datasheet HTML 73Page - Tyco Electronics 3-1376382-4 Datasheet HTML 74Page - Tyco Electronics 3-1376382-4 Datasheet HTML 75Page - Tyco Electronics 3-1376382-4 Datasheet HTML 76Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 98 page
background image
206
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Technical Documents (Continued)
AMP
Soft Shell
Pin and Socket Connectors
114-13089
Mini-Universal MATE-N-LOK Sealed Connectors
114-16017
Mini-Universal MATE-N-LOK Connectors
114-19048
AMP-DUAC Receptacles (Use of)
114-49000
.093 Commercial Pin and Socket Connectors
114-49001
Commercial MATE-N-LOK IDC Insulation Displacement Connectors
Instruction Sheets provide instructions for assembling or applying the product. They are in-
tended for the Manufacturing Assembler or Operator.
408-3186
Terminating Head (PN 231894-1) (Commercial MATE-N-LOK IDC Connector)
408-3200
Universal MATE-N-LOK II Connectors (Housings, Contacts and Accessories)
408-3231
(MR) Miniature Rectangular Connectors (Pin Housing, Socket Housing,
Contacts, and Accessories)
408-3234
Mini-Universal MATE-N-LOK Connectors
408-3320
Universal MATE-N-LOK Strain Relief Assembly and Keying Plug
408-3392
Universal MATE-N-LOK Splash Proof Seals
408-3393
Mini-Universal MATE-N-LOK 2 Connectors
408-4118
Contact Extraction Tool (PN 189727-1)
408-4322
Contact Extraction Tools [PN 691458-1 (Pins) and 691458-2 (Sockets)]
408-4370
Contact Extraction Tool (PN 318831-1)
408-4371
Contact Extraction Tool (PN 318851-1)
408-4375
Contact Extraction Tool (PN 318837-1)
408-4378
Extraction Tool (PN 318845-1)
408-6790
Hand Tool Handle (PN 58074-1)
408-7158
Contact Extraction Tools [PN 1-305183-1 (Pins) and 1-305183-2 (Sockets)]
408-7166
Commercial MATE-N-LOK Panel Mount Connector
408-7200
Commercial MATE-N-LOK Free-Hanging Connector
408-7201
Commercial MATE-N-LOK Detent Engagement Connectors, 2 and 3 circuit
408-7209
Commercial MATE-N-LOK Commoning Tabs
408-7211
Pin and Socket Extraction Tool (PN 465644-1)
408-7215
Commercial MATE-N-LOK Single Circuit Connector
408-7300
MATE-N-LOK Contact and Housing Selection Charts
408-7347
Contact Insertion Tool (PN 91002-1)
408-7582
Commercial MATE-N-LOK Keying Plug
408-7714
Universal MATE-N-LOK Connectors
408-7763
Power Unit (PN 91112-2)
408-7984
Contact Insertion Tool (PN 455830-1)
408-9330
Head (PN 231920-2) (Used with Arbor Tool PN 91085-2)
408-9436
Latch Disengaging Tool (PN 58382-1)
408-9570
Contact Extraction Tool (PN 455822-2)
408-10003
Contact Retention Test Tool (PN 1586700-1)
408-10017
Universal MATE-N-LOK Sealed Bulkhead Connectors
411-5105
Mini-Universal MATE-N-LOK Connectors
411-5638
Power Double Lock (PDL) Connectors
Application Specifications (Continued)


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com