Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3-1376382-4 Datasheet(PDF) 41 Page - Tyco Electronics

Part # 3-1376382-4
Description  5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1376382-4 Datasheet(HTML) 41 Page - Tyco Electronics

Back Button 3-1376382-4 Datasheet HTML 37Page - Tyco Electronics 3-1376382-4 Datasheet HTML 38Page - Tyco Electronics 3-1376382-4 Datasheet HTML 39Page - Tyco Electronics 3-1376382-4 Datasheet HTML 40Page - Tyco Electronics 3-1376382-4 Datasheet HTML 41Page - Tyco Electronics 3-1376382-4 Datasheet HTML 42Page - Tyco Electronics 3-1376382-4 Datasheet HTML 43Page - Tyco Electronics 3-1376382-4 Datasheet HTML 44Page - Tyco Electronics 3-1376382-4 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
175
Catalog 82181
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 4-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Universal MATE-N-LOK Connectors (Continued)
AMP
Soft Shell
Pin and Socket Connectors
Keying Plugs
IS 408-3320
Plug Housing
Strain Reliefs
IS 408-3320
Related Product Data
Plug Housings— page 174
Technical Documents— pages 169
and 205-206
Number of
Dimensions
Style
Circuits
AB
C
D
E
2
.565
.340
.095
.530
.250
14.35
8.64
2.41
13.46
6.35
3
.815
.340
.095
.530
.250
20.70
8.64
2.41
13.46
6.35
4
1.065
.340
.095
.530
.250
27.05
8.64
2.41
13.46
6.35
In-Line
5
1.315
.340
.095
.530
.250
33.40
8.64
2.41
13.46
6.35
6
1.567
.154
.189
.531
.394
39.80
3.91
4.80
13.49
10.0
8
2.067
.154
.189
.531
.394
52.50
3.91
4.80
13.49
10.0
10
2.567
.154
.189
.530
.394
65.20
3.91
4.80
13.46
10.0
6
.565
.480
.275
1.030
.250
14.35
12.19
6.99
26.16
6.35
9
.815
.480
.275
1.030
.250
Matrix
20.70
12.19
6.99
26.16
6.35
12
1.065
.480
.275
1.030
.350
27.05
12.19
6.99
26.16
8.89
15
1.315
.480
.275
1.030
.350
33.40
12.19
6.99
26.16
8.89
Part Numbers
UL94V-2 Nylon material, natural color — 1-350589-0
UL94V-0 Nylon material — 350811-1
2, 3, 4, 5, 6 and 8 Circuit, In-Line
6, 9, 12 and 15 Circuit, Matrix
Part Numbers
UL94V-2 Nylon material, natural color — 1-350590-0
UL94V-0 Nylon material — 350812-1
Part Numbers
UL94V-2 Nylon material, natural color — 1-640415-1
UL94V-0 Nylon material — 1-640415-0
Note: Keying plug snaps into plug or cap housing
Recommended
Cap Housing
Panel Cutouts
View is from cap entry side
Refer to Application Specification
114-1010
Notes:
1. Recommended panel thickness — .030-.090 [.762-2.286]. Panel must be punched so that housing enters panel in
same direction as the punch.
2. Optional — Do not remove this material when keying cap housing to panel.
3. Circuit #1 location when using panel keying with 6, 9, 12 and 15 circuit Matrix housings.
4. Circuit #1 location when using panel keying with 2, 3, 4, 5, 6, 8 and 10 circuit In-Line housings.
5. .175 [4.45] dimension is .125 [3.18] for 6, 8 and 10 circuit In-Line housings.
1.375
[34.93]
.530
[13.46]
.600
[15.24]
2 Req’d/Assy.
See Note
Wire Bundle Dia.—
.312
[7.92]
(2) #6x5 ⁄ 8 Lg Type B
Pan head sheet
metal screws
(not supplied)
(2) #6x5 ⁄ 8 Lg Type B
Pan head sheet
metal screws
(not supplied)
.530
[13.46]
.600
[15.24]
1.375
[34.93]
2 Req’d/Assy.
See Note
Wire Bundle Dia.—
.500
[12.7]
Max.
Max.
Note: Strain relief part number represents one half of a strain relief. Two strain reliefs required per housing.
Note: All part numbers are RoHS Compliant.


Similar Part No. - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
3-1376382-4 MACOM-3-1376382-4 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
More results

Similar Description - 3-1376382-4

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1604254-1 MACOM-1604254-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
List of Unclassifed Man...
1-480318-0 ETC2-1-480318-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Tyco Electronics
1-480700-0 MACOM-1-480700-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
350714-1 MACOM-350714-1 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
1-380999-0 MACOM-1-380999-0 Datasheet
2Mb / 98P
   5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board)
logo
Lumberg
3602 LUMBERG-3602_18 Datasheet
466Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3614 LUMBERG-3614 Datasheet
569Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3618-2 LUMBERG-3618-2 Datasheet
545Kb / 3P
   RAST 5 connectors, pitch 5.0 mm
3627 LUMBERG-3627 Datasheet
222Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
3676 LUMBERG-3676_18 Datasheet
516Kb / 4P
   RAST 5 connectors, pitch 5.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com