Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

923342 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 923342
Description  CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

923342 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  923342 Datasheet HTML 1Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 2Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 3Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 4Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 5Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 6Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 7Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 8Page - List of Unclassifed Manufacturers 923342 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
http://Connect.ERNI.com/contact/
Catalog E 074486 08/00 Edition 1
CompactPCI Connectors acc. to PIGMG 2.0 Rev. 3.0
General
Late in 1999 PCI Industrial Computer Manufacturers Group
(PICMG) introduced the new revision 3.0 of the Compact-
PCI Core Specification. Version 3.0 of this specification
comprises a.o. hot swap and computer telephony specifi-
cations such as pin sequencing. For CompactPCI, the
metric ERmet connectors are specified in accordance with
IEC 61076-4-101 which are available in build types A, B,
AB, and as monoblock versions. This new version of the
CompactPCI specification has the consequence a.o. that
for 3 HE backplanes on position P2 a male connector, build
type B with long connection pins for AB transfer and AB
shrouds are inserted into position rP2. At the rear card end,
on position rJ2, a sheilded female connector in build type
AB is specified. For 6 HE backplanes, on P3 and P5, the
male connector - build type B with long connection pins -
for AB transfer and AB shrouds have to be inserted into
positions rP3 and rP5. At the rear card end, on positions
rJ3 and rJ5, a shielded female connector, build type AB,
has been specified here. On P4, a blade contact strip, build
type A with long connection pins for A shroud and A shroud
frames, has been specified on position rP4. For the rear
card end, a shielded female connector, build type A, has
been defined on rJ4. For male connectors with shrouds in
build types A and B, the specification only requires a series
a grounding for the upper screening panel.
All necessary connectors required in accordance with the
new CompactPCI specification are available from ERNI. In
addition, for CompactPCI applications, ERNI also offers an
economic solution for a male connector with long terminal
pins, which is populated with shield contacts on row a only.
In addition to the new AB compatible male connectors for
CompactPCI, ERNI also supplies shrouds. Here, all shrouds
are available in four different heights (3.9 mm, 4.5 mm, 5.3
mm, and 6.1 mm) in order to adapt to the printed circuit
board thickness of the backplanes.


Similar Part No. - 923342

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
923342 ERNI-923342 Datasheet
102Kb / 1P
   ERmet Messerleiste A
More results

Similar Description - 923342

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SS-52100-001 BEL-SS-52100-001_V01 Datasheet
524Kb / 1P
   USB 2.0 and 3.0 Connectors
logo
Hynix Semiconductor
HMS9XC7132 HYNIX-HMS9XC7132 Datasheet
264Kb / 34P
   DATA SHEET REV.2.0(PRELIMINARY)
logo
Freescale Semiconductor...
68HC05BD7 FREESCALE-68HC05BD7 Datasheet
680Kb / 85P
   SPECIFICATION REV 2.0 (General Release)
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4641-X921 VACUUMSCHMELZE-T60404-N4641-X921 Datasheet
512Kb / 7P
   Differential Current Sensor acc. to the standard UL2231 Ed.2.0
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
   CompactPCI
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Lumberg
SV LUMBERG-SV Datasheet
554Kb / 4P
   Circular connectors with threaded joint M16 acc.
logo
Advantech Co., Ltd.
ULI-414LIB ADVANTECH-ULI-414LIB Datasheet
967Kb / 4P
   Industrial USB 2.0 & 3.0 Hubs
22-Jun-2022
logo
NXP Semiconductors
MC68HC908QY4A NXP-MC68HC908QY4A Datasheet
3Mb / 202P
   Addendum to MC68HC908QY4A, rev. 3
5/2012 Rev. 3
logo
Freescale Semiconductor...
MC908QY8CDWE FREESCALE-MC908QY8CDWE Datasheet
1Mb / 232P
   Addendum to MC68HC908QB8, rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com