Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD18HC0MEFJ-LB Datasheet(PDF) 11 Page - Rohm

Part # BD18HC0MEFJ-LB
Description  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18HC0MEFJ-LB Datasheet(HTML) 11 Page - Rohm

Back Button BD18HC0MEFJ-LB Datasheet HTML 7Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 8Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 9Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 10Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 11Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 12Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 13Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 14Page - Rohm BD18HC0MEFJ-LB Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/21
BDxxHC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00560-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Figure 29.
OCP
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.5
1
1.5
2
2.5
IO [A]
Figure 30.
IO-ICC
Figure 28.
TSD (IO=0mA)
IO [A]
Ta[℃]
0.0
2.0
4.0
6.0
0
2
4
6
8
10
12
14
VCC [V]
Temp=105°C
Temp=25°C
Temp=-40°C
400
500
600
700
800
900
0
0.2
0.4
0.6
0.8
1
IO[A]
Temp=105°C
Temp=25°C
Temp=-40°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
0.5
1
1.5
2
2.5
Io [A]
Temp=105°C
Temp=25°C
Temp=-40°C
800
700
600
500
400
900
Figure 27.
VCC-VO (IO=0mA)


Similar Part No. - BD18HC0MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18HC0MEFJ-ME2 ROHM-BD18HC0MEFJ-ME2 Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BD18HC0MEFJ-ME2 ROHM-BD18HC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD18HC0MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com