Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIW06-106 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TIW06-106
Description  AC/DC Power Supplies
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIW06-106 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TIW06-106 Datasheet HTML 1Page - Touchstone Semiconductor Inc TIW06-106 Datasheet HTML 2Page - Touchstone Semiconductor Inc TIW06-106 Datasheet HTML 3Page - Touchstone Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Page 1 of 3
AC/DC Power Supplies
TIW Series, 4 – 24 Watt
Features
High efficiency switching power supplies
Easy installation into standard flush boxes
Fully encapsulated plastic housing
Dust and waterproof to IP 67
Protection class ll
Safety approval to IEC/EN 60950-1
EN 50178, EN 60335-1, UL 1310 class 2
Universal input range 93 to 264 VAC
Regulated output voltage
(models from 3.3 to 24 VDC)
Operating temp. range –25°C to +50°C
Short circuit and overload protection
3-year product warranty
The TIW series is a new range of small size DC-power supplies which have been
designed particularly for applications in home and office installations.
The compact modules cases fit in the standardized in-wall flush boxes or also can
be mounted on walls. For connection there are models available with flying wires
The power supplies comply fully with the safety and EMC standards requested for
commercial and residential class ll installations. Typical applications are powering of
electric devices used in home automation and in security systems like i.e. DC-motors,
controllers, indicators, etc.
Order Code
Output Power max.
Output Voltage
Output Current
Efficiency
TIW 06-103
4 W
3.3 VDC
1.2 A
75 %
TIW 06-105
5 W
5.0 VDC
1.0 A
75 %
TIW 06-106
6 W
6.0 VDC
1.0 A
80 %
TIW 12-112
12 W*
12 VDC
1.0 A
80 %
TIW 12-115
12 W*
15 VDC
0.8 A
80 %
TIW 12-124
12 W*
24 VDC
0.5 A
80 %
TIW 24-112
24 W*
12 VDC
2.0 A
83 %
TIW 24-124
24 W*
24 VDC
1.0 A
85 %
Models
(Mounted in standard flush box)
CB
Scheme
* If these models are used with 115 VAC input voltage, a 25% load reduction must be applied.


Similar Part No. - TIW06-106

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIW06-106 TRACOPOWER-TIW06-106 Datasheet
1Mb / 4P
   AC/DC Power Supply TIW 06 Series, 6 Watt
Rev. November 30, 2022
More results

Similar Description - TIW06-106

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com