Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIS300-172 Datasheet(PDF) 6 Page - Touchstone Semiconductor Inc

Part # TIS300-172
Description  Industrial Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS300-172 Datasheet(HTML) 6 Page - Touchstone Semiconductor Inc

Back Button TIS300-172 Datasheet HTML 2Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 3Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 9Page - Touchstone Semiconductor Inc TIS300-172 Datasheet HTML 10Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
http://www.tracopower.com
Page 6 of 13
DC-UPS-System
Industrial Power Supplies
TIS Series
50–600 Watt
In addition to the standard power supply function, these models
include a professional battery management system to charge and
monitor an external battery. In the event of a power failure the
battery is switched automatically and without any interruption to
the DC output. Once mains power is available again, the battery
is switched off. The backup time is limited only by battery capacity
and load. Charge current and voltage can be adjusted to values as
required by battery type. Power fail and low battery alarm signals
are available via two independent relay contacts. During normal
operation the battery status is monitored by periodically loading
the battery for a short time. If a cell resistance is high, there is a
relay alarm is available. The battery is fully protected under any
operational conditions. The power supply is short circuit protected
even in battery backup operation but, for safety reasons, the bat-
tery should be fitted with a fast blow fuse. Battery mode can be
activated by interconnecting pin 7 and 8.
Complete external battery packs (3.2 Ah or 7 Ah standard) with lead batteries and circuit breaker are available (see page 8).
Order Code 1)
Input Voltage
Output Power
Output Voltage
Output Current 2)
max.
nom.
max.
TIS 300-124 UDS
115/230 VAC
300 W
24 VDC
12 A
selectable
TIS 600-124 UDS
115/230 VAC
600 W
24 VDC
24 A
selectable
Models
1) Includes terminal plugs, does not include batteries
2) reduce max. output current by battery charging current


Similar Part No. - TIS300-172

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIS TRACOPOWER-TIS Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
   FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
logo
TRACO Electronic AG
TIS-150-124 TRACOPOWER-TIS-150-124 Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TIS-150-124-RED TRACOPOWER-TIS-150-124-RED Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TIS-150-124-SIG TRACOPOWER-TIS-150-124-SIG Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
More results

Similar Description - TIS300-172

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
   Industrial Power Supplies
logo
Red Lion Controls. Inc
XX-PS-024 REDLION-XX-PS-024 Datasheet
1Mb / 3P
   Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
   Peak Power Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com