Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIS500-124-230 Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TIS500-124-230
Description  Industrial Power Supplies
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TIS500-124-230 Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TIS500-124-230 Datasheet HTML 1Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 2Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 3Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 4Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 5Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 6Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 7Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 8Page - Touchstone Semiconductor Inc TIS500-124-230 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
http://www.tracopower.com
Page 1 of 13
Industrial Power Supplies
TIS Series, 50–600 Watt
Features
Switch mode power supplies for
DIN-rail mount
6 power ranges with 2, 3, 6, 12, 20 and
24 A output current (24 VDC models)
Selectable 115/230 VAC input
Very low ripple and noise
EMI complies with EN 61000-6-3 and
EN 61000-6-4
Operating temp. range –25°C to +70°C
For system operation available with
built-in functions:
RED: Redundancy module for N+1
Systems with true current sharing
SIG: Signal module with AC-power-
fail, power good signal and
external On/Off control
UDS: DC-UPS module for uninter-
ruptable battery backed-up
power systems
Worldwide safety approvals incl.
class I, div. 2 location
Easy snap-on mount on DIN-rails
or chassis mount
3-year product warranty
The switching power supplies of the TIS series have been particularly designed for
applications in industrial process control systems and with machine tools. Excellent
specifications and high immunity against electrical disturbances guarantee reliable
power for sensitive loads in rugged industrial environments. With the help of op-
tional function modules specific requirements for system applications can be easily
realized with a standard model. With the UDS module the power supplies can be
extended to a perfect DC-UPS with automatic battery- backup. This function is very
often required in applications where a time delayed shutdown of a system is neces-
sary. To monitor and control the power supply a signal module can be installed.
For parallel operation with active power sharing a redundancy option is available.
This flexibility makes the TIS series power supplies a cost effective solution for many
industrial applications.
Order Code
Input Voltage
Output Power
Output Voltage
Output Current
(includes terminal plugs)
nom.
max.
nom.
max.
TIS 50-112
115–240 VAC
50 W
12 VDC
3.5 A
TIS 50-124
universal input
24 VDC
2.0 A
TIS 75-112
115/230 VAC
12 VDC
6.0 A
TIS 75-124
selectable
75 W
24 VDC
3.0 A
TIS 75-148
48 VDC
1.5 A
TIS 150-124
115/230 VAC
150 W
24 VDC
6.0 A
TIS 150-148
selectable
48 VDC
3.0 A
TIS 300-124
115/230 VAC
24 VDC
12.0 A
TIS 300-148
selectable
300 W
48 VDC
6.0 A
TIS 300-172
72 VDC
4.2 A
TIS 500-124-115
115 VAC
500 W
24 VDC
20.0 A
TIS 500-124-230
230 VAC
500 W
24 VDC
20.0 A
TIS 600-124
24 VDC
24.0 A
TIS 600-148
115/230 VAC
600 W
48 VDC
12.0 A
TIS 600-172
selectable
72 VDC
8.5 A
Models
CB
Scheme
(LVD)
UL 60950-1 UL 508
UL 1604


Similar Part No. - TIS500-124-230

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIS TRACOPOWER-TIS Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
   FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
logo
TRACO Electronic AG
TIS-150-124 TRACOPOWER-TIS-150-124 Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TIS-150-124-RED TRACOPOWER-TIS-150-124-RED Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
TIS-150-124-SIG TRACOPOWER-TIS-150-124-SIG Datasheet
952Kb / 12P
   TIS Series, 50–600 Watt
Rev. November 23, 2021
More results

Similar Description - TIS500-124-230

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PS-15 NI-PS-15 Datasheet
831Kb / 4P
   Industrial Power Supplies
logo
Red Lion Controls. Inc
XX-PS-024 REDLION-XX-PS-024 Datasheet
1Mb / 3P
   Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300P RSG-HWS300P Datasheet
367Kb / 3P
   Peak Power Industrial Power Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com