Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD18IC0MEFJ-LB Datasheet(PDF) 3 Page - Rohm

Part # BD18IC0MEFJ-LB
Description  1.0A Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD18IC0MEFJ-LB Datasheet(HTML) 3 Page - Rohm

  BD18IC0MEFJ-LB Datasheet HTML 1Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 2Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 3Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 4Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 5Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 6Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 7Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 8Page - Rohm BD18IC0MEFJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3/21
BDxxIC0MEFJ-LB
Datasheet
TSZ02201-0R6R0AZ00590-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
21.Feb.2014 Rev.002
Block Diagram
BD00IC0MEFJ-LB
BDxxIC0MEFJ-LB (Fixed type)
Pin Configuration
Pin Description
Pin No.
Pin name
Pin Function
1
VO
Output pin
2
FB/Vo_s
Feedback pin (Used to connect Vo)
3
GND
GND pin
4
N.C.
Non Connection (Used to connect GND or OPEN state.)
5
EN
Enable pin
6
N.C.
Non Connection (Used to connect GND or OPEN state.)
7
N.C.
Non Connection (Used to connect GND or OPEN state.)
8
VCC
Input pin
Reverse
FIN
Substrate(Connect to GND)
Figure 1. Block Diagram
Figure 2. Block Diagram (Fixed type)
TOP VIEW
VO
GND
N.C.
N.C.
N.C.
EN
VCC
FB/Vo_s
GND
EN
Ceramic
Capacitor
Vo
VCC
FB
R1
R2
Ceramic
Capacitor
≧ 1.0
μF
≧ 1.0
μF
0.8V to 4.5V
(VO+0.60) to 5.5V
TSD
8
1
3
5
2
OCP
SOFT
START
FIN
Body d
i
GND
EN
TSD
8
1
3
5
2
OCP
SOFT
START
FIN
Body d
i
Ceramic
Capacitor
Vo
VCC
Vo_s
Ceramic
Capacitor
≧ 1.0
μF
≧ 1.0
μF
2.4V ~ 5.5V


Similar Part No. - BD18IC0MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD18IC0MEFJ-ME2 ROHM-BD18IC0MEFJ-ME2 Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Similar Description - BD18IC0MEFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HC0MEFJ-LB ROHM-BD00HC0MEFJ-LB Datasheet
763Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00GC0MEFJ-M ROHM-BD00GC0MEFJ-M Datasheet
621Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXIC0MEFJ-M ROHM-BDXXIC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00HC0MEFJ-M ROHM-BD00HC0MEFJ-M Datasheet
603Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
BDXXHC0MEFJ-M ROHM-BDXXHC0MEFJ-M Datasheet
1Mb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com