Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E101FJ-LBH2 Datasheet(PDF) 11 Page - Rohm

Part # BD9E101FJ-LBH2
Description  7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E101FJ-LBH2 Datasheet(HTML) 11 Page - Rohm

Back Button BD9E101FJ-LBH2 Datasheet HTML 7Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 8Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 9Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 10Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 11Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 12Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 13Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 14Page - Rohm BD9E101FJ-LBH2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/30
BD9E101FJ-LB
TSZ02201-0J3J0AJ00390-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.co
TSZ22111•15•001
21.Feb.2014 Rev.002
Typical Performance Curves - continued
VIN=10V/div
EN=10V/div
VOUT=2V/div
SW=10V/div
VIN=10V/div
EN=10V/div
VOUT=2V/div
SW=10V/div
Time=1ms/div
Time=1ms/div
Figure 21. Power Up (VIN = EN)
(VOUT = 5.0V)
Figure 22. Power Down (VIN = EN)
(VOUT = 5.0V)
Figure 23. Power Up (EN = 0V→5V)
(VOUT = 5.0V)
Figure 24. Power Down (EN = 5V→0V)
(VOUT = 5.0V)
VIN=10V/div
EN=2V/div
VOUT=2V/div
SW=10V/div
VIN=10V/div
EN=2V/div
VOUT=2V/div
SW=10V/div
Time=1ms/div
Time=1ms/div


Similar Part No. - BD9E101FJ-LBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E100FJ-LB ROHM-BD9E100FJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E100FJ-LBH2 ROHM-BD9E100FJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E102FJ ROHM-BD9E102FJ Datasheet
1Mb / 32P
   7.0V to 26V Input, 1.0A, Integrated MOSFET
BD9E103FJ ROHM-BD9E103FJ Datasheet
2Mb / 28P
   7V to 28V Input, 1.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
   7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
More results

Similar Description - BD9E101FJ-LBH2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E100FJ-LB ROHM-BD9E100FJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E300EFJ-LB ROHM-BD9E300EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9F800MUX-Z ROHM-BD9F800MUX-Z Datasheet
4Mb / 50P
   4.5V to 28V Input, 8.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
27.Dec.2018 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com