Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6600383-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 6600383-1
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6600383-1 Datasheet(HTML) 2 Page - Tyco Electronics

  6600383-1 Datasheet HTML 1Page - Tyco Electronics 6600383-1 Datasheet HTML 2Page - Tyco Electronics 6600383-1 Datasheet HTML 3Page - Tyco Electronics 6600383-1 Datasheet HTML 4Page - Tyco Electronics 6600383-1 Datasheet HTML 5Page - Tyco Electronics 6600383-1 Datasheet HTML 6Page - Tyco Electronics 6600383-1 Datasheet HTML 7Page - Tyco Electronics 6600383-1 Datasheet HTML 8Page - Tyco Electronics 6600383-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
11
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems (Continued)
MULTI-BEAM XL Connector
Expandable length to accommodate up to 36 power contacts
Contact spacings are expandable to accommodate higher
voltages and/or higher current requirements
4-beam or dual beam power contacts available
Base metal made from high conductivity copper alloy
(over 98% copper) offers superior performance compared to
alternative materials
Evolution of MULTI-BEAM Power Contacts
Dual-Beam Contact
Original design
.017" thick stock
4-Beam Contact
.017" thick stock
35A current rating
Features eight
independent beams
Parallel current paths
yield a lower contact
resistance
Tuned beam design
provides lower mating
forces and higher
durability life cycles
3-Beam Contact
Offered on new
MULTI-BEAM XLE
connector
.020" Thick Stock
50A Current Rating
Improved design offers
lowest mating force
available in MULTI-BEAM
product line
True hot-plug design
preserves the separable
contact interface to
provide long term
reliability after hot-mate
and un-mate cycles
MULTI-BEAM XLE Connector
Features new 3-beam power contact
Two hot-pluggable power contacts to choose from:
50A High power contact (35% increase compared to
MULTI-BEAM XL connector)
20A Low power contact (occupies 50% less PCB space
than MULTI-BEAM XL power contact)
Slimmer housing design allows 40% more current in the
same space
Over 40% lower mating force than original MULTI-BEAM XL
connector
Vented housing allows for better air flow
Contact Wipe
Contact Type
Description
Sequence
Minimum Wipe
Power (or GND) Contact
Make First
Break Last (MFBL)
1
0.200
′′ [5.08 mm]
Power Contact
Standard
2
0.150
′′ [3.81 mm]
Signal Contact
Standard
2
0.150
′′ [3.81 mm]
Signal (trigger) Contact
Make Last
Break First (MLBF)
3
0.100
′′ [2.54 mm]
The MLBF power contact and the Standard Signal contact are sequenced to mate at the same time ... sequence #2.
Power Contacts
Signal Contacts
Product Configurations and Part Numbers
The connector configuration is described by reading Left-to-Right on the Plug mating interface and Right-to-Left on the
Receptacle mating interface. Custom configurations can be produced due to the modular design of the product.
Configuration Description: ACP indicates AC Power, P indicates DC Power, HDP indicates High Density Power, LP
indicates Low Power (MULTI-BEAM XLE connector only), S indicates Signal. The corresponding contact spacing and
voltage ratings are shown below.
ACP
P
HDP
LP
S
0.300
′′ [7.62 mm] spacing
0.250
′′ [6.35 mm] spacing
0.200
′′ [5.08 mm] spacing
.115
′′ [3.81 mm] spacing
0.100
′′ [2.54 mm] grid
300 Volts*
200 Volts*
Connection to same voltage*
200 Volts*
60 Volts*
* With circuit board designed to UL 1950, IEC 60950


Similar Part No. - 6600383-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
6600303-1 TEC-6600303-1 Datasheet
811Kb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
6600303-2 TEC-6600303-2 Datasheet
811Kb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
6600303-3 TEC-6600303-3 Datasheet
811Kb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
6600303-4 TEC-6600303-4 Datasheet
811Kb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
6600303-5 TEC-6600303-5 Datasheet
811Kb / 6P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 6600383-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com