Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9E300EFJ-LB Datasheet(PDF) 1 Page - Rohm

Part # BD9E300EFJ-LB
Description  7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9E300EFJ-LB Datasheet(HTML) 1 Page - Rohm

  BD9E300EFJ-LB Datasheet HTML 1Page - Rohm BD9E300EFJ-LB Datasheet HTML 2Page - Rohm BD9E300EFJ-LB Datasheet HTML 3Page - Rohm BD9E300EFJ-LB Datasheet HTML 4Page - Rohm BD9E300EFJ-LB Datasheet HTML 5Page - Rohm BD9E300EFJ-LB Datasheet HTML 6Page - Rohm BD9E300EFJ-LB Datasheet HTML 7Page - Rohm BD9E300EFJ-LB Datasheet HTML 8Page - Rohm BD9E300EFJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
○Product structure:Silicon monolithic integrated circuit. ○This product has no designed protection against radioactive rays.
1/30
TSZ02201-0J3J0AJ00220-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
Datasheet
21.Feb.2014 Rev.002
7.0V to 36V Input, 2.5A Integrated MOSFET
Single Synchronous Buck DC/DC Converter
BD9E300EFJ-LB
General Description
This is the product guarantees long time support in
Industrial market.
BD9E300EFJ-LB is a synchronous buck switching regulator
with built-in power MOSFETs. It is capable of an output
current of up to 2.5A. It has a high oscillation frequency of
1MHz while using small inductance value. It is a current
mode control DC/DC converter and features high-speed
transient response. Phase compensation can also be set
easily.
Features
Long Time Support Product for Industrial
Applications.
Synchronous single DC/DC converter.
Over-Current Protection.
Short Circuit Protection.
Thermal Shutdown Protection.
Undervoltage Lockout Protection.
Soft Start.
HTSOP-J8 package (Exposed Pad).
Applications
Industrial Equipment.
Power supply for FA’s industrial device using 24V
bass.
Consumer applications such as home appliance.
Distribution type power supply system for 12V, and
24V.
Key Specifications
Input Voltage Range:
7.0V to 36V
Output Voltage Range:
1.0V to VIN×0.7V
Output Current:
2.5A (Max)
Switching Frequency:
1MHz (Typ)
High-Side MOSFET ON-Resistance: 170m
Ω (Typ)
Low-Side MOSFET ON-Resistance: 140m
Ω (Typ)
Standby Current:
0
μA (Typ)
Package
W (Typ) x D (Typ) x H (Max)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
Typical Application Circuit
Figure 1. Application circuit
2
3
6
4
7
5
1
8
VIN
24V
Enable
VIN
EN
COMP
AGND
PGND
FB
SW
BOOT
10µF
30kΩ
4700pF
12kΩ
3kΩ
0.1
μF
4.7
μH
22
μF×2
BD9E300EFJ-LB
VOUT
HTSOP-J8


Similar Part No. - BD9E300EFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E301EFJ-LBH2 ROHM-BD9E301EFJ-LBH2 Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ-E2 ROHM-BD9E302EFJ-E2 Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
More results

Similar Description - BD9E300EFJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E301EFJ-LB ROHM-BD9E301EFJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 2.5A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E100FJ-LB ROHM-BD9E100FJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E101FJ-LB ROHM-BD9E101FJ-LB Datasheet
3Mb / 33P
   7.0V to 36V Input, 1.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9E302EFJ ROHM-BD9E302EFJ Datasheet
2Mb / 44P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B400MUV ROHM-BD9B400MUV Datasheet
1Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD91364AMUU ROHM-BD91364AMUU Datasheet
926Kb / 31P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B500MUV ROHM-BD9B500MUV Datasheet
2Mb / 34P
   Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B100MUV ROHM-BD9B100MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 1.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B200MUV ROHM-BD9B200MUV Datasheet
1Mb / 33P
   2.7V to 5.5V Input, 2.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9F800MUX-Z ROHM-BD9F800MUX-Z Datasheet
4Mb / 50P
   4.5V to 28V Input, 8.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
27.Dec.2018 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com