Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACM2012-361-2P-T002 Datasheet(PDF) 10 Page - TDK Electronics

Part # ACM2012-361-2P-T002
Description  Common Mode Filters For high-speed differential signal line, general signal line ACM series
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACM2012-361-2P-T002 Datasheet(HTML) 10 Page - TDK Electronics

Back Button ACM2012-361-2P-T002 Datasheet HTML 3Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 4Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 5Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 6Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 7Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 8Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 9Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 10Page - TDK Electronics ACM2012-361-2P-T002 Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(10/11)
001-01 / 20130723 / e9712_acm.fm
• All specifications are subject to change without notice.
EMC Components
ACM series 
ACM2520-3P Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Impedance
(
:) [100MHz]
DC resistance
(
:)max.[per line]
Rated voltage
(V)max.
Rated current
(A)max.
Part No.
min.
typ.
600
800
1.6
20
0.15
ACM2520-801-3P-T002
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4991A
Agilent Technologies
1
10
100
1000
10000
1000
100
1
10
Frequency (MHz)
801 Common mode
801 Differential mode


Similar Part No. - ACM2012-361-2P-T002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012-361-2P-T001 TDK-ACM2012-361-2P-T001 Datasheet
196Kb / 3P
   Common Mode Filters For automobile signal line
More results

Similar Description - ACM2012-361-2P-T002

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2520-102-2P-T002 TDK-ACM2520-102-2P-T002_16 Datasheet
125Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
TCM2010 TDK-TCM2010_07 Datasheet
37Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1210G-301-2P-T200 TDK-TCM1210G-301-2P-T200 Datasheet
48Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com