Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACH32C-104-T001 Datasheet(PDF) 3 Page - TDK Electronics

Part # ACH32C-104-T001
Description  3-terminal Filters For power line ACH series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACH32C-104-T001 Datasheet(HTML) 3 Page - TDK Electronics

  ACH32C-104-T001 Datasheet HTML 1Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 2Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 3Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 4Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 5Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 6Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 7Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 8Page - TDK Electronics ACH32C-104-T001 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
(3/9)
001-01 / 20130722 / e9611_ach.fm
• All specifications are subject to change without notice.
EMC Components
3-terminal Filters
For power line
FEATURES
T-type EMC filter that can be used for high-current circuits.
Achieve excellent attenuation characteristics by using it for circuits with stable grounds.
Does not require mounting space due to vertical mounting design, making it perfect for high-density circuits.
Guaranteed temperature range is –40 to +125°C, so it can be used under severe environmental conditions.
Use this product under reflow soldering conditions.
APPLICATION
HE devices (TVs, VTRs, CD players, electronic musical instruments, PCs, etc.)
OA equipment (Computers, terminals, facsimiles, etc.)
FA equipment (Robots, NC machine tools, process controllers, etc.)
AE equipment (Car navigation systems, ECUs, etc.)
ACH32C cannot be used for ECUs.
PART NUMBER CONSTRUCTION
ACH32C
ACH3218
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Overview of the ACH Series
ACH
32C
-
103
-
T
001
Series name
L×W×T Dimensions
Capacitance
Packaging style
Internal code
(mm)
(pF)
32C
3.2×1.6×2.1
100
10
T
Taping
103
10000
ACH
3218
-
223
-
T
□□□
Series name
L×W×T Dimensions
Capacitance
Packaging style
Internal code
(mm)
(pF)
3218
3.2×1.8×2.5
223
22000
T
Taping
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(mg)
ACH32C
–40 to +125
–40 to +125
2,000
70
ACH3218
–40 to +125
–40 to +125
1,000
70
Product compatible with RoHS directive
Halogen-free
Compatible with lead-free solders
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/
Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm.


Similar Part No. - ACH32C-104-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH32C-104-T001 TDK-ACH32C-104-T001 Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ACH32C-104-T001 TDK-ACH32C-104-T001 Datasheet
117Kb / 7P
   3-teminal Filters
ACH32C-104-T001 TDK-ACH32C-104-T001 Datasheet
111Kb / 7P
   3-terminal Filters For power line
More results

Similar Description - ACH32C-104-T001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACH4518 TDK-ACH4518 Datasheet
161Kb / 3P
   3-terminal filters For power line ACH series
20211217
ACH32C-100-T001 TDK-ACH32C-100-T001_16 Datasheet
111Kb / 7P
   3-terminal Filters For power line
YFF-P TDK-YFF-P Datasheet
1Mb / 10P
   3-terminal Filters For Power Line
ACH3218-101-TD01 TDK-ACH3218-101-TD01 Datasheet
105Kb / 7P
   3-terminal Filters For power line
ACH32C TDK-ACH32C Datasheet
44Kb / 2P
   3-terminal Filters(SMD) For Power Line
ZJK TDK-ZJK Datasheet
64Kb / 2P
   3-terminal Filters(SIP) For Signal Line / Power Line
YFF31HC TDK-YFF31HC Datasheet
134Kb / 5P
   3-terminal filters For large-current power line
YFF15SC TDK-YFF15SC Datasheet
249Kb / 10P
   3-terminal filters For signal line
YFF15PC TDK-YFF15PC Datasheet
331Kb / 11P
   3-terminal filters Feedthrough filter for power line
YFF31AH TDK-YFF31AH Datasheet
147Kb / 6P
   3-terminal filters For automotive large-current power line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com