Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5228BUJZ50 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5228BUJZ50
Description  32-Position Manual Up/Down Control Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ50 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5228BUJZ50 Datasheet HTML 6Page - Analog Devices AD5228BUJZ50 Datasheet HTML 7Page - Analog Devices AD5228BUJZ50 Datasheet HTML 8Page - Analog Devices AD5228BUJZ50 Datasheet HTML 9Page - Analog Devices AD5228BUJZ50 Datasheet HTML 10Page - Analog Devices AD5228BUJZ50 Datasheet HTML 11Page - Analog Devices AD5228BUJZ50 Datasheet HTML 12Page - Analog Devices AD5228BUJZ50 Datasheet HTML 13Page - Analog Devices AD5228BUJZ50 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5228
Rev. A | Page 10 of 20
0
–60
–40
–20
100
1k
10k
100k
1M
FREQUENCY (Hz)
STEP = MIDSCALE, VA = VDD, VB = 0V
VDD = 3V DC ±10% p-p AC
VDD = 5V DC ±10% p-p AC
CH1 5.00V
CH2 200mV
M2.00ms
A CH1
2.80V
VW
1
2
PU
T
800.000ms
VDD = 5V
VA = 5V
VB = 0V
Figure 28. Autoscan Increment
Figure 25. PSRR
1.2
0
0.2
0.4
0.6
0.8
1.0
03
28
24
20
16
12
8
4
CODE (Decimal)
CH1 5.00V
CH2 100mV
M2.00ms
A CH1
3.00V
VW
2
1
PU
T
3.92000ms
Δ: 8.32ms Δ: 4.00mV
@: 8.24ms @: 378mV
VDD = 5V
VA = 5V
VB = 0V
2
RAB = 50kΩ
RAB = 10kΩ
RAB = 100kΩ
VA = OPEN
TA = 25°C
Figure 29. Maximum IWB vs. Code
Figure 26. Basic Increment
CH1 5.00V
CH2 100mV
M2.00ms
A CH1
2.60V
VW
1
2
PU
T
59.8000ms
VDD = 5V
VA = 5V
VB = 0V
Figure 27. Repetitive Increment


Similar Part No. - AD5228BUJZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228BUJZ50-R2 AD-AD5228BUJZ50-R2 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5228BUJZ50-RL7 AD-AD5228BUJZ50-RL7 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
More results

Similar Description - AD5228BUJZ50

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com