Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

614A301000061 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 614A301000061
Description  Capacitors for High Current, Power Semiconductor, and DC Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

614A301000061 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 614A301000061 Datasheet HTML 6Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 7Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 8Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 9Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 10Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 11Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 12Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 13Page - List of Unclassifed Manufacturers 614A301000061 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
©
2000 GE Company
A28F5000 Series Snubbers Capacitors
1000 and 2000 Volts Peak/ Max DC
The A28F5000 series of Snubber Capacitors are designed for
use in power semiconductor circuits to protect the semicon-
ductor by limiting the rate of voltage rise. The dielectric system
is polypropylene and paper with foil electrodes. The RMS
currents encountered in these circuits are usually low; how-
ever, the peak currents are very high. Refer to the Application
Data for correct application of these capacitors.
SPECIFICATIONS
Available Capacitance Range:
0.05 to 2 µF
Capacitance Tolerance:
±
10%
Capacitance Variation with Temperature:
±3% from -30 °C to +80 °C
Rated Voltage:
See Ratings Table. The rating is the Maximum Peak voltage
permissible in either polarity.
Rated Current:
See Ratings Tables. The value given is for derating purposes
only. Refer to the Application Note on Page 12 to determine
the required derating. In no circumstances should the 10
Amp RMS Current rating of the eyelet terminals be
exceeded. For 1/4-20 threaded terminals, full current less
any derating may be applied.
Operating Temperature:
-40 °C to +70 °C
Storage Temperature:
-55 °C to +90 °C
Operating Life:
40,000 hours with 95% survival with proper derating
Dissipation Factor:
0.3% maximum
Case Material/Finish:
Aluminum Case with Steel Cover for eyelet terminal designs;
Aluminum case with Aluminum Cover for *Threaded
terminals.
Terminations:
0.125-in. Solder Eyelets (10 Amp RMS maximum) & 1/4-20
screw thread studs (60 A RMS maximum) For threaded
terminal designs, nut and washer hardware is supplied in bag
Dielectric Fluid:
A28F5500 Series
Dielektrol VII
A28F5600 Series
Dielektrol VII
Internal Protection:
Internal Pressure Sensitive Interrupter for eyelet designs.
Threaded terminal designs do not contain an internal
protection mechanism. The user is responsible for ensuring
that the capacitors are correctly applied for safe use
9


Similar Part No. - 614A301000061

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
614-13-108-12-051-101 PREDIP-614-13-108-12-051-101 Datasheet
53Kb / 1P
   Pin grid array sockets Carrier types
614-13-108-12-051-112 PREDIP-614-13-108-12-051-112 Datasheet
53Kb / 1P
   Pin grid array sockets Carrier types
logo
Marl International Limi...
614-530-04 MARL-614-530-04 Datasheet
155Kb / 2P
   PROFESSIONAL LED INDICATORS 횠8.1mm Mounting
614-530-04 MARL-614-530-04 Datasheet
324Kb / 4P
   614 Bi Colour series
614-530-04 MARL-614-530-04_13 Datasheet
324Kb / 4P
   614 Bi Colour series
More results

Similar Description - 614A301000061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FC250B1 ETC2-FC250B1 Datasheet
196Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
A97F8676S ETC2-A97F8676S Datasheet
590Kb / 18P
   Capacitors for High Current, Power Semiconductor, and DC Applications
logo
Infineon Technologies A...
PEB1757E INFINEON-PEB1757E Datasheet
256Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003
PEB1756E INFINEON-PEB1756E Datasheet
255Kb / 4P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
2003-07-01
TITAN19244 INFINEON-TITAN19244 Datasheet
904Kb / 2P
   Semiconductor Solutions for High Speed Communications and Fiber Optic Applications
PEB1755E INFINEON-PEB1755E Datasheet
684Kb / 2P
   Semiconductor Solutions for High Speed Communication and Fiber Optic Applications
logo
Toshiba Semiconductor
2SK1602 TOSHIBA-2SK1602 Datasheet
673Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS / DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS
2SK1746 TOSHIBA-2SK1746 Datasheet
668Kb / 9P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS. DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS.
2SA1934 TOSHIBA-2SA1934 Datasheet
160Kb / 5P
   High-Current Switching Applications DC-DC Converter Applications
logo
Infineon Technologies A...
FOA4400 INFINEON-FOA4400 Datasheet
190Kb / 2P
   Semiconductor Solutions for High Speed Communi cation and Fiber Optic Applications
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com