Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS95D Datasheet(PDF) 1 Page - Motorola, Inc

Part # SN74LS95D
Description  4-BIT SHIFT REGISTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS95D Datasheet(HTML) 1 Page - Motorola, Inc

  SN74LS95D Datasheet HTML 1Page - Motorola, Inc SN74LS95D Datasheet HTML 2Page - Motorola, Inc SN74LS95D Datasheet HTML 3Page - Motorola, Inc SN74LS95D Datasheet HTML 4Page - Motorola, Inc SN74LS95D Datasheet HTML 5Page - Motorola, Inc SN74LS95D Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-171
FAST AND LS TTL DATA
4-BIT SHIFT REGISTER
The SN54/74LS95B is a 4-Bit Shift Register with serial and parallel
synchronous operating modes. The serial shift right and parallel load are acti-
vated by separate clock inputs which are selected by a mode control input.
The data is transferred from the serial or parallel D inputs to the Q outputs
synchronous with the HIGH to LOW transition of the appropriate clock input.
The LS95B is fabricated with the Schottky barrier diode process for high
speed and is completely compatible with all Motorola TTL families.
Synchronous, Expandable Shift Right
Synchronous Shift Left Capability
Synchronous Parallel Load
Separate Shift and Load Clock Inputs
Input Clamp Diodes Limit High Speed Termination Effects
NOTE:
The Flatpak version has the
same pinouts (Connection
Diagram) as the Dual In-Line
Package.
CONNECTION DIAGRAM DIP (TOP VIEW)
VCC = PIN 14
GND = PIN 7
14
13
12
11
10
9
1
2
3
4
5
6
8
7
VCC Q0
Q1
Q2
Q3 CP1 CP2
DS
P0
P1
P2
P3
S
GND
PIN NAMES
LOADING (Note a)
HIGH
LOW
S
Mode Control Input
0.5 U.L.
0.25 U.L.
DS
Serial Data Input
0.5 U.L.
0.25 U.L.
P0 – P3
Parallel Data Inputs
0.5 U.L.
0.25 U.L.
CP1
Serial Clock (Active LOW Going Edge) Input
0.5 U.L.
0.25 U.L.
CP2
Parallel Clock (Active LOW Going Edge) Input
0.5 U.L.
0.25 U.L.
Q0 – Q3
Parallel Outputs (Note b)
10 U.L.
5 (2.5) U.L.
NOTES:
a. 1 TTL Unit Load (U.L.) = 40
µA HIGH/1.6 mA LOW.
b. The Output LOW drive factor is 2.5 U.L. for Military (54) and 5 U.L. for Commercial (74)
Temperature Ranges.
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
54
74
4.5
4.75
5.0
5.0
5.5
5.25
V
TA
Operating Ambient Temperature Range
54
74
– 55
0
25
25
125
70
°C
IOH
Output Current — High
54, 74
– 0.4
mA
IOL
Output Current — Low
54
74
4.0
8.0
mA
SN54/74LS95B
4-BIT SHIFT REGISTER
LOW POWER SCHOTTKY
J SUFFIX
CERAMIC
CASE 632-08
N SUFFIX
PLASTIC
CASE 646-06
14
1
14
1
ORDERING INFORMATION
SN54LSXXJ
Ceramic
SN74LSXXN
Plastic
SN74LSXXD
SOIC
14
1
D SUFFIX
SOIC
CASE 751A-02


Similar Part No. - SN74LS95D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS95B TI-SN74LS95B Datasheet
281Kb / 8P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74LS95B TI1-SN74LS95B Datasheet
525Kb / 14P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74LS95BD TI-SN74LS95BD Datasheet
281Kb / 8P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74LS95BD TI1-SN74LS95BD Datasheet
525Kb / 14P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
SN74LS95BDR TI1-SN74LS95BDR Datasheet
525Kb / 14P
[Old version datasheet]   4-BIT PARALLEL-ACCESS SHIFT REGISTERS
More results

Similar Description - SN74LS95D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74178 ETC1-74178 Datasheet
92Kb / 2P
   4-BIT SHIFT REGISTER
logo
Motorola, Inc
MC1694 MOTOROLA-MC1694 Datasheet
520Kb / 7P
   4-BIT SHIFT REGISTER
logo
National Semiconductor ...
MM54HC195 NSC-MM54HC195 Datasheet
171Kb / 6P
   4-Bit Parallel Shift Register
logo
Motorola, Inc
SN54LS195A MOTOROLA-SN54LS195A Datasheet
220Kb / 6P
   UNIVERSAL 4-BIT SHIFT REGISTER
logo
NXP Semiconductors
HEF40195B PHILIPS-HEF40195B Datasheet
77Kb / 8P
   4-bit universal shift register
January 1995
logo
National Semiconductor ...
93L00 NSC-93L00 Datasheet
113Kb / 8P
   4-Bit Universal Shift Register
logo
NXP Semiconductors
HEF4035B PHILIPS-HEF4035B Datasheet
98Kb / 8P
   4-bit universal shift register
January 1995
logo
List of Unclassifed Man...
4035B ETC1-4035B Datasheet
149Kb / 3P
   4-BIT UNIVERSAL SHIFT REGISTER
logo
System Logic Semiconduc...
SL74HC4015 SLS-SL74HC4015 Datasheet
50Kb / 6P
   Dual 4-Bit Shift Register
logo
National Semiconductor ...
54195 NSC-54195 Datasheet
242Kb / 3P
   UNIVERSAL 4-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com