Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24C023JA25TE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT24C023JA25TE13
Description  Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C023JA25TE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT24C023JA25TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT24C023JA25TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT24C163/083/043/023
10
Advanced
Doc. No. 25080-00 3/98 M-1
SLAVE
ADDRESS
S
A
C
K
N
O
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
BYTE
ADDRESS (n)
S
A
C
K
DATA n
SLAVE
ADDRESS
A
C
K
S
T
A
R
T
BUS ACTIVITY:
MASTER
SDA LINE
DATA n+x
DATA n
A
C
K
A
C
K
DATA n+1
A
C
K
S
T
O
P
N
O
A
C
K
DATA n+2
A
C
K
P
SLAVE
ADDRESS
Figure 10. Selective Read Timing
Figure 11. Sequential Read Timing
24C1601Fig.9
24C1601Fig.10
Immediate/Current Address Read
The CAT24CXXX’s address counter contains the ad-
dress of the last byte accessed, incremented by one. In
other words, if the last READ or WRITE access was to
address N, the READ immediately following would ac-
cess data from address N+1. If N=E (where E= 255 for
24C023, E=511 for 24C043, E=1023 for 24C083 and
E=2047 for 24C163) then the counter will ‘wrap around’
to address 0 and continue to clock out data. After the
CAT24CXXX receives its slave address information
(with the R/
W bit set to one), it issues an acknowledge,
then transmits the 8-bit byte requested. The master
device does not send an acknowledge, but will generate
a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START condi-
tion, slave address and byte addresses of the location it
wishes to read. After CAT24CXXX acknowledges, the
Master device sends the START condition and the slave
address again, this time with the R/
W bit set to one.
The CAT24CXXX then responds with its acknowledge
and sends the 8-bit byte requested. The master device
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective READ
operations. After the CAT24CXXX sends the initial 8-bit
byte requested, the Master will respond with an ac
knowledge which tells the device it requires more data.
The CAT24CXXX will continue to output an 8-bit byte for
each acknowledge sent by the Master. The operation
will terminate when the Master fails to respond with an
acknowledge, thus sending the STOP condition.
The data being transmitted from CAT24CXXX is output-
ted sequentially with data from address N followed by
data from address N+1. The READ operation address
counter increments all of the CAT24CXXX address bits
so that the entire memory array can be read during one
operation. If more than E (where E= 255 for 24C023,
E=511 for 24C043, E=1023 for 24C083 and E=2047 for
24C163) bytes are read out, the counter will ‘wrap
around’ and continue to clock out data bytes.
does not send an acknowledge but will generate a STOP
condition.


Similar Part No. - CAT24C023JA25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C02 CATALYST-CAT24C02 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C02 CATALYST-CAT24C02 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C02 ONSEMI-CAT24C02 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C02 ONSEMI-CAT24C02 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C02 ONSEMI-CAT24C02 Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM PDIP?? L SUFFIX
February, 2013 ??Rev. 26
More results

Similar Description - CAT24C023JA25TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C161 CATALYST-CAT24C161 Datasheet
85Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C321 CATALYST-CAT24C321 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT24C323 CATALYST-CAT24C323 Datasheet
84Kb / 12P
   Supervisory Circuits with I2C Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT93CXXXX CATALYST-CAT93CXXXX Datasheet
153Kb / 10P
   Supervisory Circuits with Microwire Serial CMOS E2PROM, Precision Reset Controller and Watchdog Timer
CAT25CXXX CATALYST-CAT25CXXX Datasheet
160Kb / 12P
   Supervisory Circuits with SPI Serial E2PROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163 CATALYST-CAT1163_07 Datasheet
150Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com