Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC09UA-TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT24WC09UA-TE13
Description  2K/4K/8K/16K-Bit Serial E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC09UA-TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT24WC09UA-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC09UA-TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CAT24WC03/05/09/17
5
Doc. No. 25063-00 2/98 S-1
Preliminary
for 24WC03. If only one 24WC03 is addressed on the
bus, all three address pins (A0, A1, and A2) can be left
floating or connected to VSS
A total of four devices can be addressed on a single bus
when using 24WC05 device. Only A1 and A2 address
pins are used with this device. The A0 address pin is a
no connect pin and can be tied to VSS or left floating. If
only one 24WC05 is being addressed on the bus, the
address pins (A1 and A2) can be left floating or con-
nected to VSS.
Only two devices can be cascaded when using 24WC09.
The only address pin used with this device is A2. The A0
and A1address pins are no connect pins and can be tied
to VSS or left floating. If only one 24WC09 is being
addressed on the bus, the address pin (A2) can be left
floating or connected to VSS.
The 24WC17 is a stand alone device. In this case, all
address pins (A0, A1and A2) are no connect pins and
can be tied to VSS or left floating.
WP: Write Protect
If the WP pin is tied to VCC the upper half of memory array
becomes Write Protected (READ only)(locations 80H to
FFH for 24WC03, locations 100H to 1FFH for 24WC05,
locations 200H to 3FFH for 24WC09, locations 400H to
7FFH for 24WC17). When the WP pin is tied to VSS or
left floating normal read/write operations are allowed to
the device.
I2C BUS PROTOCOL
The following defines the features of the I2C bus proto-
col:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24WC03/05/09/17
monitor the SDA and SCL lines and will not respond until
this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address
of the particular slave device it is requesting. The four
Figure 4. Acknowledge Timing
Figure 5. Slave Address Bits
5020 FHD F06
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
1
0
1
0
A2
A1
A0
R/W
1
0
1
0
A2
A1
a8
R/W
1
0
1
0
A2
a9
a8
R/W
1
0
1
0
a10
a9
a8
R/W
24WC03
24WC05
24WC09
24WC17
* A0, A1 and A2 correspond to pin 1, pin 2 and pin 3 of the device.
** a8, a9 and a10 correspond to the address of the memory array address word.
***A0, A1 and A2 must compare to its corresponding hard wired input pins (pins 1, 2 and 3).


Similar Part No. - CAT24WC09UA-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
2Mb / 14P
   Serial EEPROM
CAT24WC01GLATE13F CATALYST-CAT24WC01GLATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01GLETE13F CATALYST-CAT24WC01GLETE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Similar Description - CAT24WC09UA-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
E-CMOS Corporation
EC24C02A E-CMOS-EC24C02A Datasheet
576Kb / 18P
   2K/4K/8K/16K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
24A01 ETC2-24A01 Datasheet
1Mb / 24P
   1K/2K/4K/8K/16K-bit Serial EEPROM for Low Power
logo
Shenzhen Huazhimei Semi...
HM24C02 HMSEMI-HM24C02 Datasheet
1Mb / 7P
   2K bit, 4K bit, 8K bit and 16K bit serial I2C bus EEPROM
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com