Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5228BUJZ10-RL7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD5228BUJZ10-RL7
Description  32-Position Manual Up/Down Control Potentiometer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5228BUJZ10-RL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD5228BUJZ10-RL7 Datasheet HTML 2Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 3Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 4Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 5Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5228BUJZ10-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD5228
Rev. A | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5228
PU
1
PD
2
A
3
GND
4
VDD
PRE
B
W
8
7
6
5
Figure 6. SOT-23-8 Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PU
Push-Up Pin.
Connect to the external pushbutton. Active low. A 100 kΩ pull-up resistor is connected to VDD.
2
PD
Push-Down Pin.
Connect to the external pushbutton. Active low. A 100 kΩ pull-up resistor is connected to VDD.
3
A
Resistor Terminal A. GND ≤VA ≤ VDD.
4
GND
Common Ground.
5
W
Wiper Terminal W. GND ≤ VW ≤ VDD.
6
B
Resistor Terminal B. GND ≤ VB ≤ VDD.
7
PRE
Power-On Preset. Output = midscale if PRE = GND; output = zero scale if PRE = VDD. Do not let the PRE pin float.
No pull-up resistor is needed.
8
VDD
Positive Power Supply, 2.7 V to 5.5 V.


Similar Part No. - AD5228BUJZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228BUJZ10-RL7 AD-AD5228BUJZ10-RL7 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
More results

Similar Description - AD5228BUJZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5228 AD-AD5228_15 Datasheet
440Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. A
AD5228 AD-AD5228 Datasheet
341Kb / 20P
   32-Position Manual Up/Down Control Potentiometer
REV. 0
AD5227 AD-AD5227 Datasheet
384Kb / 16P
   64-Position Up/Down Control Digital Potentiometer
REV. B
logo
Catalyst Semiconductor
CAT5128 CATALYST-CAT5128 Datasheet
285Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
logo
ON Semiconductor
CAT5128 ONSEMI-CAT5128 Datasheet
178Kb / 8P
   32-Tap Digital Up/Down Control Potentiometer
Doc. No. MD-2128 Rev. B
CAT5128 ONSEMI-CAT5128_13 Datasheet
158Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
July, 2013 ??Rev. 4
N57L5128 ONSEMI-N57L5128 Datasheet
79Kb / 7P
   32?릘ap Digital Up/Down Control Potentiometer (POT)
August, 2016 ??Rev. P0
logo
Analog Devices
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com