Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD90C0AFPS-LBE2 Datasheet(PDF) 11 Page - Rohm

Part # BD90C0AFPS-LBE2
Description  Single-Output LDO Regulator 1A Fixed Output LDO Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD90C0AFPS-LBE2 Datasheet(HTML) 11 Page - Rohm

Back Button BD90C0AFPS-LBE2 Datasheet HTML 7Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 8Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 9Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 10Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 11Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 12Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 13Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 14Page - Rohm BD90C0AFPS-LBE2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Datasheet
Datasheet
11/19
TSZ02201-0T2T0AN00100-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
27.Feb.2014 Rev.002
BD80C0AFPS-LB
BD90C0AFPS-LB
VCC
GND
VCC
GND
Application Examples
・Positive voltage surges on VCC pin
A power zener diode should be inserted between VCC and GND for protection against voltage surges of more than 35V
on the VCC pin.
・Negative voltage surges on VCC pin
A schottky barrier diode should be inserted between VCC and GND for protection against voltages lower than GND on the
VCC pin.
・Output protection diode
Loads with large inductance components may cause reverse current flow during startup or shutdown.
In such cases, a
protection diode should be inserted on the output to protect the IC.
Vo
Figure 22.
Figure 23.
Figure 24.


Similar Part No. - BD90C0AFPS-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD90C0AFPS-M ROHM-BD90C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
More results

Similar Description - BD90C0AFPS-LBE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BAXXBC0 ROHM-BAXXBC0 Datasheet
490Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BD00IC0WEFJ ROHM-BD00IC0WEFJ Datasheet
517Kb / 26P
   1A Variable Fixed Output LDO Regulators
BA00BC0WFP-E2 ROHM-BA00BC0WFP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
BD00GC0WEFJ-E2 ROHM-BD00GC0WEFJ-E2 Datasheet
476Kb / 22P
   1A Variable Fixed Output LDO Regulator
BD00C0AWFP-E2 ROHM-BD00C0AWFP-E2 Datasheet
827Kb / 21P
   1A Variable Output LDO Regulators
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com