Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD81A34MUV-M Datasheet(PDF) 4 Page - Rohm

Part # BD81A34MUV-M
Description  4ch White LED Driver with Buck-Boost (32 LED Maximum)
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81A34MUV-M Datasheet(HTML) 4 Page - Rohm

  BD81A34MUV-M Datasheet HTML 1Page - Rohm BD81A34MUV-M Datasheet HTML 2Page - Rohm BD81A34MUV-M Datasheet HTML 3Page - Rohm BD81A34MUV-M Datasheet HTML 4Page - Rohm BD81A34MUV-M Datasheet HTML 5Page - Rohm BD81A34MUV-M Datasheet HTML 6Page - Rohm BD81A34MUV-M Datasheet HTML 7Page - Rohm BD81A34MUV-M Datasheet HTML 8Page - Rohm BD81A34MUV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4/33
Datasheet
Datasheet
BD81A34MUV-M BD81A34EFV-M
TSZ02201-0G3G0C600020-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
16.Jan.2014 Rev.002
www.rohm.com
TSZ22111
・15・001
Electrical Characteristics
(VCC=12V, Ta = Tj = -40°C to +125°C *Unless otherwise specified)
Parameters
Signal
Standard Value
Unit
Condition
MIN
TYP
MAX
Circuit current
ICC
-
-
10
mA
EN=High, SYNC=High, RT=OPEN
PWM=Low,ISET=OPEN,CIN=10μF
standby current
IST
-
-
10
μA
EN=Low, VDISC=OPEN
[VREG Section]
Voltage reference
VREG
4.5
5
5.5
V
IREG=-5mA, CREG=2.2μF
[OUTH Section]
OUTH top side ON resistor
RONHH
1.9
3.5
6.2
ION=-10mA, Ta=25
1.5
3.5
7.0
ION=-10mA, Ta=-40°C to +125°C
OUTH bottom side ON resistor
RONHL
1.0
2.5
5.0
ION=10mA, Ta=25
0.8
2.5
5.5
ION=-10mA, Ta=-40°C to +125°C
OCP detection voltage
VOLIMIT
VCC-0.66
VCC-0.6
VCC-0.54
V
[OUTL Section]
OUTL top side ON resistor
RONLH
1.9
3.5
6.5
ION=10mA, Ta=25
1.5
3.5
10.0
ION=-10mA, Ta=-40°C to +125°C
OUTL bottom side ON resistor
RONLL
1.0
2.5
5.0
ION=10mA, Ta=25
0.8
2.5
5.5
ION=-10mA, Ta=-40°C to +125°C
[SW Section]
SW ON resistor
RON_SW
5.0
10.0
15.0
ION=10mA, Ta=25
4.0
10.0
25.0
ION=-10mA, Ta=-40°C to +125°C
[Error Amp Section]
LED control voltage
VLED
0.9
1.0
1.1
V
COMP
sink current
ICOMPSINK
20
80
160
μA
VLED=2V, VCOMP=1V
COMP source current
ICOMPSOURCE
-160
-80
-20
μA
VLED=0V, VCOMP=1V
[Oscillation Section]
Oscillation frequency 1
fosc1
285
300
315
kHz
RT=27kΩ
Oscillation frequency 2
fosc2
1800
2000
2200
kHz
RT=3.9kΩ
[OVP Section]
OVP detection voltage
VOVP
1.9
2.0
2.1
V
VOVP=Sweep up
OVP hysteresis width
VOVPHYS
0.45
0.55
0.65
V
VOVP=Sweep down


Similar Part No. - BD81A34MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A04AEFV-M ROHM-BD81A04AEFV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
BD81A04EFV-M ROHM-BD81A04EFV-M Datasheet
708Kb / 24P
   White LED Driver with Integrated FET for up to 32 LEDs
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
BD81A24EFV-ME2 ROHM-BD81A24EFV-ME2 Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
More results

Similar Description - BD81A34MUV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
BD81A04AMUV-M ROHM-BD81A04AMUV-M Datasheet
1Mb / 37P
   4ch White LED Driver with Buck-Boost and Built-in FET (32 LED Maximum)
logo
Maxic Technology Corpor...
MT7282 MAXIC-MT7282 Datasheet
353Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
MT7285 MAXIC-MT7285 Datasheet
190Kb / 1P
   Boost/Buck-Boost/Buck White LED Driver With High Frequency PWM Dimming
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Rohm
BD81A44EFV-M ROHM-BD81A44EFV-M Datasheet
3Mb / 47P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
12.Feb.2021 Rev.008
BD81A24EFV-M ROHM-BD81A24EFV-M Datasheet
3Mb / 48P
   4ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
21.Sep.2021 Rev.007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com