Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2202G-LBTR Datasheet(PDF) 1 Page - Rohm

Part # BD2202G-LBTR
Description  Load Switch ICs for Portable Equipment
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2202G-LBTR Datasheet(HTML) 1 Page - Rohm

  BD2202G-LBTR Datasheet HTML 1Page - Rohm BD2202G-LBTR Datasheet HTML 2Page - Rohm BD2202G-LBTR Datasheet HTML 3Page - Rohm BD2202G-LBTR Datasheet HTML 4Page - Rohm BD2202G-LBTR Datasheet HTML 5Page - Rohm BD2202G-LBTR Datasheet HTML 6Page - Rohm BD2202G-LBTR Datasheet HTML 7Page - Rohm BD2202G-LBTR Datasheet HTML 8Page - Rohm BD2202G-LBTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
1/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
TSZ02201-0E3E0H300370-1-2
21.Feb.2014 Rev.002
Control logic
Charge
pump
Thermal
shutdown
Current
limit
VIN
EN
VOUT
UVLO
GND
Cin
VIN
OFF
ON
Cout
Rout
Load Switch ICs
for Portable Equipment
BD2202G-LB BD2206G-LB
General Description
This is the product guarantees long time support in
Industrial market. The High-side switch, which has
over-current protection function, is used for the power
supply line of a memory card slot. In the switch part, an
N-channel MOSFET with low ON resistance has been 1
circuit integrated. The switch goes OFF when the
over-current
condition
lasts
longer
than
the
over-current shutdown time. The OFF switch is set to
latch off mode. The operating voltage range is 2.7V to
3.6V and the current limit value is set on 400mA, 1A.
Moreover, functions of soft start, under voltage lockout,
and over temperature protection are integrated.
Features
Long time support a product for Industrial
applications.
Single low on-resistance (Typ. = 150m
Ω) Nch
MOS FET
Continuous load current
0.2A:
(BD2202G)
0.5A:
(BD2206G)
Control input logic:
Active-High
Soft start function
Over current protection circuit
Over temperature protection circuit
Under voltage lockout
Applications
Industrial Equipment, Memory card slots of STB,
Digital still camera, Cell Phones, Notebook PC.
Key Specifications
Input voltage range:
2.7V to 3.6V
ON resistance :
150m
Ω(Typ.)
Over current threshold:
BD2202G
0.25A min., 1.0A max.
BD2206G
0.8A min., 1.6A max.
Standby current:
0.01
μA (Typ.)
Operating temperature range:
-25℃ to +85℃
Package
W(Typ.)
D(Typ.)
H (Max.)
SSOP5
2.90mm x 2.80mm x 1.25mm
Typical Application Circuit
Lineup
Over current threshold
Control input logic
Package
Orderable Part Number
Min.
Typ.
Max.
0.25A
-
1.0A
High
SSOP5
Reel of 3000
BD2202G-LBTR
0.8A
-
1.6A
High
SSOP5
Reel of 3000
BD2206G-LBTR
SSOP5


Similar Part No. - BD2202G-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G-TR ROHM-BD2202G-TR Datasheet
917Kb / 26P
   0.2A, 0.5A Current Load Switch ICs
More results

Similar Description - BD2202G-LBTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2200GUL ROHM-BD2200GUL_11 Datasheet
383Kb / 10P
   Load Switch ICs for Portable Equipment
BD6520F ROHM-BD6520F_11 Datasheet
422Kb / 17P
   Load Switch ICs for Portable Equipment
BD6528HFV ROHM-BD6528HFV_11 Datasheet
316Kb / 12P
   Load Switch ICs for Portable Equipment
BD6524HFV ROHM-BD6524HFV_11 Datasheet
392Kb / 10P
   Load Switch IC for Portable Equipment
logo
Guangdong Youtai Semico...
FDV301N UMW-FDV301N Datasheet
390Kb / 7P
   Load Switch for Portable Applications
logo
Sanyo Semicon Device
LV2400X SANYO-LV2400X Datasheet
249Kb / 1P
   Ultraminiature FM Radio ICs for Portable Equipment LV2400X Series
logo
Rohm
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com