Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3570YFP-M Datasheet(PDF) 2 Page - Rohm

Part # BD3570YFP-M
Description  High Voltage LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3570YFP-M Datasheet(HTML) 2 Page - Rohm

  BD3570YFP-M Datasheet HTML 1Page - Rohm BD3570YFP-M Datasheet HTML 2Page - Rohm BD3570YFP-M Datasheet HTML 3Page - Rohm BD3570YFP-M Datasheet HTML 4Page - Rohm BD3570YFP-M Datasheet HTML 5Page - Rohm BD3570YFP-M Datasheet HTML 6Page - Rohm BD3570YFP-M Datasheet HTML 7Page - Rohm BD3570YFP-M Datasheet HTML 8Page - Rohm BD3570YFP-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Datasheet
Datasheet
2/17
TSZ02201-0T2T0AN00160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19.Sep.2013 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD357xYFP-M
BD357xYHFP-M
Series
Typical Application Circuits
Block Diagrams / Pin Configurations / Pin Descriptions
[TO252-3]
Pin No.
Pin Name
Function
1
VCC
Power supply pin
2
N.C.
N.C. pin
3
VO
Voltage output pin
Fin
GND
GND pin
(TOP VIEW)
1
2
3
N.C.
GND
VCC
Vref
OCP
TSD
VO
1
2
3
(Note 1) For fixed voltage regulator only
(Note 2) For adjustable voltage regulator only
GND
VCC
Vref
OCP
TSD
VO
Fin
1
N.C.
2
3
Cin
Figure 1. TO252-3
Co
GND
Vref
OCP
TSD
VO
5
Co
4
Fin
SW
2
ADJ (N.C.
(Note 1))
Figure 3. HRP5
VCC
1
Cin
3
(Note1)
(Note2)
Figure 2. TO252-5
VO
Co
GND
VCC
Vref
OCP
TSD
1
5
Cin
4
(Note1)
(Note2)
2
SW
3
N.C.
ADJ (N.C.
(Note 1))
Fin


Similar Part No. - BD3570YFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570YFP-ME2 ROHM-BD3570YFP-ME2 Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
More results

Similar Description - BD3570YFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com