Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6643437-1 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 6643437-1
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6643437-1 Datasheet(HTML) 3 Page - Tyco Electronics

  6643437-1 Datasheet HTML 1Page - Tyco Electronics 6643437-1 Datasheet HTML 2Page - Tyco Electronics 6643437-1 Datasheet HTML 3Page - Tyco Electronics 6643437-1 Datasheet HTML 4Page - Tyco Electronics 6643437-1 Datasheet HTML 5Page - Tyco Electronics 6643437-1 Datasheet HTML 6Page - Tyco Electronics 6643437-1 Datasheet HTML 7Page - Tyco Electronics 6643437-1 Datasheet HTML 8Page - Tyco Electronics 6643437-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
12
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Note: All part numbers are RoHS compliant.
Power Connectors & Interconnection Systems
MULTI-BEAM XL Power Distribution Connector Systems
Vertical Receptacles
Right-Angle Receptacles
Configuration *
Part
Application
Overall
PCB Tail Type
Power Contact
Number
Length
′′ and [mm]
(Solder, Press-Fit)
Sequencing
1P/24S/1P
6450540-1
SSI “DPS”
1.925
′′ [48.90 mm]
Press-fit
No
2P/24S/2P
6450140-5
Distributed DC Power + Signal
2.250
′′ [57.15 mm]
Solder
No
3P/24S/3P
1-6450140-0
Distributed DC Power + Signal
2.750
′′ [69.85 mm]
Solder
No
4P/24S/4P
6450150-6
Distributed DC Power + Signal
3.350
′′ [85.09 mm]
Solder
Yes
4P/24S/3ACP
6450150-3
AC and DC Power + Signal
3.150
′′ [80.01 mm]
Solder
Yes
5P/24S/6P
6450540-2
SSI “DPS”
4.350
′′ [110.49 mm]
Press-fit
No
6P/24S/6P
4-6450550-5
Distributed DC Power + Signal
4.250
′′ [107.95 mm]
Press-fit
No
10P/24S/12P
3-6450550-2
Distributed DC Power + Signal
5.800" [147.32 mm]
Press-fit
Yes
3P
6450543-1
DC Power
1.400
′′ [35.56 mm]
Press-fit
No
3ACP
6450543-6
AC Power
1.550" [39.37 mm]
Press-fit
No
4P
6450543-5
DC Power
1.650" [41.91 mm]
Press-fit
No
6P
6450553-2
DC Power
2.050
′′ [52.07 mm]
Press-fit
Yes
7P
6450543-3
DC Power
2.400
′′ [60.96 mm]
Press-fit
No
8P/28S
6450142-3
Distributed DC Power + Signal
3.350
′′ [85.09 mm]
Solder
No
14P/32S
6450152-1
Distributed DC Power + Signal
4.950
′′ [125.73 mm]
Solder
Yes
24S/6P
6450551-1
Distributed DC Power + Signal
2.750" [69.85 mm]
Press-fit
Yes
24S/3ACP
6450151-3
Distributed DC Power + Signal
2.200" [55.88 mm]
Solder
Yes
24S/8P
6450541-5
Distributed DC Power + Signal
3.250" [82.55 mm]
Press-fit
No
* Custom configurations are available — see page 29 for instructions to have Tyco Electronics build your custom part.
Configuration *
Part
Application
Overall
PCB Tail Type
Power Contact
Number
Length
′′ and [mm]
(Solder, Press-Fit)
Sequencing
1P/24S/1P
6450160-3
SSI “DPS”
1.925
′′ [48.90 mm]
Solder
No
2P/24S/2P
1-6450160-0
Distributed DC Power + Signal
2.250
′′ [57.15 mm]
Solder
No
3P/24S/3P
6450570-2
Distributed DC Power + Signal
2.750
′′ [69.85 mm]
Press-fit
Yes
3ACP/24S/6P
6450170-8
AC and DC Power + Signal
3.650
′′ [92.71 mm]
Solder
Yes
5P/24S/6P
6450160-5
SSI “MPS”
4.350
′′ [110.49 mm]
Solder
No
7P/32S/7P
6450560-4
Distributed DC Power + Signal
4.350
′′ [110.49 mm]
Press-fit
No
8P/28S
6450172-2
Distributed DC Power + Signal
3.350
′′ [85.09 mm]
Solder
Yes
8P/32S/8P
6450160-1
AC and DC Power + Signal
5.450
′′ [138.43 mm]
Solder
No
3ACP
6450173-1
AC Power
1.550
′′ [39.37 mm]
Solder
Yes
8P
6450163-2
DC Power
2.650
′′ [67.31 mm]
Solder
No
14P/32S
6450172-1
Distributed DC Power + Signal
4.950
′′ [125.73 mm]
Solder
Yes
16S/4P
6450161-1
Distributed DC Power + Signal
2.050" [52.07 mm]
Solder
No
24S/6P
6450161-2
Distributed DC Power + Signal
2.750" [69.85 mm]
Solder
No
24S/8P
6450161-6
Distributed DC Power + Signal
3.250" [82.55 mm]
Solder
No
* Custom configurations are available — see page 29 for instructions to have Tyco Electronics build your custom part.
Board-Mount Connectors


Similar Part No. - 6643437-1

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
6643 FILTRAN-6643 Datasheet
75Kb / 1P
   LAN 10/100 Base-TX Quad Port
logo
API Technologies Corp
6643 APITECH-6643 Datasheet
315Kb / 1P
   10/100Base-TX Quad Port
logo
Tyco Electronics
664326-1 MACOM-664326-1 Datasheet
107Kb / 1P
   ICCON SOCKET, PERPENDICULAR 10 PIN FOOTPRINT WITH COMPLIANT PIN
6643271-1 MACOM-6643271-1 Datasheet
78Kb / 1P
   CONNECTOR, PIN, PERPENDICULAR 10 PIN FOOTPRINT W/COMPLIANT PIN LOCKING ICCON
More results

Similar Description - 6643437-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com