Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3575YHFP-MTR Datasheet(PDF) 4 Page - Rohm

Part # BD3575YHFP-MTR
Description  High Voltage LDO Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3575YHFP-MTR Datasheet(HTML) 4 Page - Rohm

  BD3575YHFP-MTR Datasheet HTML 1Page - Rohm BD3575YHFP-MTR Datasheet HTML 2Page - Rohm BD3575YHFP-MTR Datasheet HTML 3Page - Rohm BD3575YHFP-MTR Datasheet HTML 4Page - Rohm BD3575YHFP-MTR Datasheet HTML 5Page - Rohm BD3575YHFP-MTR Datasheet HTML 6Page - Rohm BD3575YHFP-MTR Datasheet HTML 7Page - Rohm BD3575YHFP-MTR Datasheet HTML 8Page - Rohm BD3575YHFP-MTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Datasheet
Datasheet
4/17
TSZ02201-0T2T0AN00160-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
19.Sep.2013 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD357xYFP-M
BD357xYHFP-M
Series
Absolute Maximum Ratings (Ta = 25 °C)
Parameter
Symbol
Limit
Unit
Supply Voltage
VCC
50
(Note 7)
V
Switch Supply Voltage
VSW
50
(Note 8)
V
Output Current
IO
500
mA
Power Dissipation
Pd
1.20 (TO252-3)
(Note 9)
W
1.30 (TO252-5)
(Note 10)
1.60 (HRP5)
(Note 11)
Operating Temperature Range
Topr
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
150
°C
(Note 7)
Not to exceed Pd and ASO.
(Note 8)
For ON / OFF SW Regulator only
(Note 9)
TO252-3: Reduced by 9.6 mW / °C at 25 °C, when mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm).
(Note 10)
TO252-5: Reduced by 10.4 mW / °C at 25 °C, when mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm).
(Note 11)
HRP5: Reduced by 12.8 mW / °C at 25 °C, when mounted on a glass epoxy board (70 mm x 70 mm x 1.6 mm).
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
BD3570Y, 3572Y, 3573Y, 3575Y
VCC
4.5
(Note 12)
36.0
V
BD3571Y, 3574Y
VCC
5.5
(Note 12)
36.0
V
Output Current
IO
-
500
mA
Variable Output Voltage Range
VO
2.8
12
V
(Note 12) Please consider that the output voltage would decrease (dropout voltage) according to the output current.
Electrical Characteristics
(Unless otherwise specified, Ta = -40 °C to +125 °C, VCC = 13.2 V, SW = 3 V
(Note 13), V
O settings is 5 V
(Note 14)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Shut Down Current
(Note 13)
lshut
-
-
10
µA
SW = GND
Bias Current
lb
-
30
50
µA
IO = 0 mA
Output Voltage
VO
VO x
0.98
VO
VO x
1.02
V
IO = 200 mA,
VO: Please refer to product line.
ADJ Terminal Voltage
(Note 14)
VADJ
1.235
1.260
1.285
V
IO = 200 mA
Output Current
IO
0.5
-
-
A
Dropout Voltage
ΔVd
-
0.25
0.48
V
VCC = 4.75 V, lO = 200 mA
(Note 15)
Ripple Rejection
R.R.
45
55
-
dB
f = 120 Hz, ein = 1 Vrms,
IO = 100 mA
Line Regulation
Reg.I
-
10
30
mV
VCCD
(Note 16) ≤ V
CC ≤ 25 V
IO = 0 mA
Load Regulation
Reg.L
-
20
40
mV
0 mA
≤ IO ≤ 200 mA
Switch Threshold Voltage H
(Note 13)
SWH
2.0
-
-
V
IO = 0 mA
Switch Threshold Voltage L
(Note 13)
SWL
-
-
0.5
V
IO = 0 mA
Switch Bias Current
(Note 13)
SWI
-
22
60
µA
SW = 5 V, lO = 0 mA
(Note 13)
BD3573Y, 3574Y, 3575Y only
(Note 14)
BD3572Y, 3575Y only
(Note 15)
BD3571Y, 3572Y, 3574Y, 3575Y only
(Note 16)
BD3570Y, 3573Y: VCCD = 5.5 V
(Note 16)
BD3571Y, 3572Y, 3574Y, 3575Y: VCCD = 6.5 V


Similar Part No. - BD3575YHFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3575YHFP-MTR ROHM-BD3575YHFP-MTR Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
More results

Similar Description - BD3575YHFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com