Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5223995-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 5223995-1
Description  MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5223995-1 Datasheet(HTML) 1 Page - Tyco Electronics

  5223995-1 Datasheet HTML 1Page - Tyco Electronics 5223995-1 Datasheet HTML 2Page - Tyco Electronics 5223995-1 Datasheet HTML 3Page - Tyco Electronics 5223995-1 Datasheet HTML 4Page - Tyco Electronics 5223995-1 Datasheet HTML 5Page - Tyco Electronics 5223995-1 Datasheet HTML 6Page - Tyco Electronics 5223995-1 Datasheet HTML 7Page - Tyco Electronics 5223995-1 Datasheet HTML 8Page - Tyco Electronics 5223995-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
10
Catalog 1773096
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 2-10
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-(0)8002-67666
Power Connectors & Interconnection Systems
MULTI-BEAM XL and MULTI-BEAM XLE Power Distribution Connector Systems
The MULTI-BEAM XL and
MULTI-BEAM XLE modules
are a blind-mateable board-
to-board power distribution
connector system. With a
variety of available power
contacts and a modular
design, customers are able
to customize this connector
to their exact needs. In
addition to selecting the
number of power and
signal contacts, customers
are also able to choose the
mating sequence of con-
tacts they need for their
specific application.
MULTI-BEAM XL connec-
tors feature dual-beam and
four-beam power contacts,
rated at 35A. The new
MULTI-BEAM connector
features a true hot-plug
designed three-beam
contact, rated at 43A.
The product is also avail-
able in versions complying
with the Server Systems
Infrastructure (SSI)
Standard. MULTI-BEAM XL
and MULTI-BEAM XLE
products offer high reliabil-
ity and high current density
in a package designed
specifically for modular
hot-swappable power
distribution systems. They
are ideal for blind-mating in
modular and rack mounted
systems. The high perform-
ance design and heavy
gold plated contacts meet
requirements across many
applications including
power distribution for com-
pact (1U) computer servers
through high-end servers,
fault-tolerant computers,
networking equipment,
telecommunication
switches, medical instru-
mentation, and industrial
control equipment.
The compact design also
meets the I/O standard
of modern modular and
hot-swappable redundant
(N+1) power supplies
and uninterruptible power
supplies.
Board-Mount Connectors
Product Facts
Single-piece molded
housings
Custom configurable
modular design
AC and DC power in the
same connector — Meets
UL safety requirements
Current Interrupt ratings per
UL 1977 — for “Hot-Plug”
applications
Compact size — suitable
for distributed DC power
applications
Molded-in guide pins
provide generous blind-
mateability
Up to 3 levels of contact
sequencing:
1st — Pwr/Gnd
2nd — Pwr & Signals
3rd — Trigger Signals
Low Mating and Un-mating
force
Solder or press-fit
termination to PCB
Meets SSI power connector
requirements for DPS, MPS
and HPS applications
30 micro-inch
[0.76 micro-meters]
gold post-plated contacts
for high reliability
All MULTI-BEAM XL and
MULTI-BEAM XLE products
in this section are RoHS
compliant
Technical Documents
Product Specification
108-1973
Application Specification
114-13038
File # E28476
File # LR7189
For More Information
Check out product information at:
http://mbxl.tycoelectronics.com
Technical Support Center
1-800-522-6752
R
R


Similar Part No. - 5223995-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
More results

Similar Description - 5223995-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2820303-2 ETC2-2820303-2 Datasheet
2Mb / 3P
   MULTI-BEAM XLE Power Connectors
logo
TE Connectivity Ltd
C-2334571-1 TEC-C-2334571-1 Datasheet
273Kb / 2P
   RIGHT ANGLE RECEPTACLE, SOLDER MULTI-BEAM PLUS
logo
Ledil, Inc.
C15687 LEDIL-C15687 Datasheet
3Mb / 7P
   Beam with wide light distribution
C13751 LEDIL-C13751 Datasheet
5Mb / 5P
   Beam with wide light distribution
C12226 LEDIL-C12226 Datasheet
868Kb / 5P
   Beam with wide light distribution and good illuminance uniformity
CA12087 LEDIL-CA12087 Datasheet
1Mb / 10P
   Beam with wide light distribution and good illuminance uniformity
CS15689 LEDIL-CS15689 Datasheet
4Mb / 6P
   Beam with wide light distribution and good illuminance uniformity
C12086 LEDIL-C12086 Datasheet
2Mb / 9P
   Beam with wide light distribution and good illuminance uniformity
logo
Ultralife Corporation.
MRC-141 ULTRALIFE-MRC-141 Datasheet
631Kb / 2P
   Multi-outlet Vehicular Power Distribution System
23 Apr 2010 Rev A
logo
List of Unclassifed Man...
RCA-6146B ETC2-RCA-6146B Datasheet
1Mb / 8P
   BEAM POWER TUBE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com