Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIPS1042G Datasheet(PDF) 2 Page - International Rectifier

Part # AUIPS1042G
Description  SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIPS1042G Datasheet(HTML) 2 Page - International Rectifier

  AUIPS1042G Datasheet HTML 1Page - International Rectifier AUIPS1042G Datasheet HTML 2Page - International Rectifier AUIPS1042G Datasheet HTML 3Page - International Rectifier AUIPS1042G Datasheet HTML 4Page - International Rectifier AUIPS1042G Datasheet HTML 5Page - International Rectifier AUIPS1042G Datasheet HTML 6Page - International Rectifier AUIPS1042G Datasheet HTML 7Page - International Rectifier AUIPS1042G Datasheet HTML 8Page - International Rectifier AUIPS1042G Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AUIPS1041(L)(R) / AUIPS1042G
www.irf.com
2
Qualification Information
Qualification Level
Automotive
(per AEC-Q100
††
)
Comments: This family of ICs has passed an Automotive qualification.
IR’s Industrial and Consumer qualification level is granted by extension
of the higher Automotive level.
Moisture Sensitivity Level
DPAK-3L
MSL1, 260°C
(per IPC/JEDEC J-STD-020)
SOT223-3L
MSL2, 260°C
(per IPC/JEDEC J-STD-020)
8L-SOICN
MSL2, 260°C
(per IPC/JEDEC J-STD-020)
ESD
Machine Model
Class M4 (+/-450V)
(per AEC-Q100-003)
Human Body Model
Class H2 (+/-2500V)
(per AEC-Q100-002)
Charged Device Model
Class C4 (+/-1000V)
(per AEC-Q100-011)
IC Latch-Up Test
Class II, Level A
(per AEC-Q100-004)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Exceptions to AEC-Q100 requirements are noted in the qualification report.


Similar Part No. - AUIPS1042G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS1041 IRF-AUIPS1041 Datasheet
893Kb / 18P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1041 IRF-AUIPS1041_15 Datasheet
893Kb / 18P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - AUIPS1042G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIPS1051L IRF-AUIPS1051L Datasheet
460Kb / 16P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041LRPBF IRF-IPS1041LRPBF Datasheet
627Kb / 15P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1051LPBF IRF-IPS1051LPBF Datasheet
448Kb / 12P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
IPS1041PBF IRF-IPS1041PBF Datasheet
565Kb / 14P
   SINGLE/DUAL CHANNEL INTELLIGENT POWER LOW SIDE SWITCH
logo
STMicroelectronics
L9386MD-TR STMICROELECTRONICS-L9386MD-TR Datasheet
165Kb / 14P
   Dual intelligent power low side switch
L9386MD STMICROELECTRONICS-L9386MD Datasheet
97Kb / 10P
   DUAL INTELLIGENT POWER LOW SIDE SWITCH
L9386 STMICROELECTRONICS-L9386_08 Datasheet
156Kb / 14P
   Dual intelligent power low side switch
L9377 STMICROELECTRONICS-L9377 Datasheet
69Kb / 9P
   DUAL INTELLIGENT POWER LOW SIDE SWITCH
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com