Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1587T19B1S Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1587T19B1S
Description  15 Amp Vertical Rackmount Surge Strip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1587T19B1S Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1587T19B1S Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1587T19B1S Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15 Amp Vertical Rackmount Surge Strip
Features
Designed to have a low-profile our strips are just 1 5/8” wide by 1 3/8“
high.
Constructed of rugged light weight aluminum.
Designed for a variety of applications:
Install in your server cabinets
Wall mount cabinets
Open frame racks
Or install horizontally above your work bench.
Each outlet strip included a hardware mounting kit. Order P/N: 1585CLIP
for additional hardware kit.
Receptacles are 1” square and are equally spaced over the length of
the power strip.
With on/off switch or pilot light and 15 Amp circuit breaker.
Plug type available is a NEMA 5-15P straight blade.
Click here for our non-surge protected version.
Surge Features
Rated 15 amps, 120 volts.
Heavy duty 14 gauge wire cord - 14/3 SJT type for extreme temperature
ranges and integral molded plug.
18,000 Amp rated MOV's & filter capacitor provide surge suppression
and EMI/RFI noise protection
Maximum 54,000 Amps transient current and 780 Joules
400V UL 1449 rating
Protection in all 3 AC modes (L-N, L-G, N-G)
Voltage suppression at the outlet guards against transients from
equipment on the outlet strip
Green indicator light confirms surge module is active
Internal protection will disconnect the surge module at the end of it's
useful life (and extinguish the green light) but will maintain power to the
load, now unprotected.
CSA certified, Standards C22.2 (No. 21-95, No. 42-99 and No. 8-M1986)
UL listed, Standards UL1363, UL1283 and UL1449.
Accessoires
Part No.
Part No.
Strip
Number
Surge
Cord
Color
NEMA
On-Off Switch
Pilot Light
Length
of Outlets
Protected
Length (ft)
Plug Type
1585H8A 1S
1585T8A 1S
48.00
8
Yes
6
Natural
5-15P
1585H8B1S
1585T8B1S
48.00
8
Yes
15
Natural
5-15P
1585H10A 1S
1585T10A 1S
48.00
10
Yes
6
Natural
5-15P
1585H10B1S
1585T10B1S
48.00
10
Yes
15
Natural
5-15P


Similar Part No. - 1587T19B1S

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1587T19B1S HAMMOND-1587T19B1S Datasheet
192Kb / 1P
   Anodized Aluminum Extrusion
More results

Similar Description - 1587T19B1S

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1583-S HAMMOND-1583-S Datasheet
49Kb / 2P
   15 Amp Horizontal Rackmount Surge Strip
1582-S HAMMOND-1582-S Datasheet
48Kb / 2P
   15 Amp Horizontal Rackmount Surge Strip
logo
Bud Industries, Inc.
POS-194-S BUD-POS-194-S Datasheet
51Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (15 AMP) (SURGE SUPPRESSED)
POS-195-S BUD-POS-195-S Datasheet
51Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (15 AMP) (SURGE SUPPRESSED)
logo
Hammond Manufacturing L...
1582-AM HAMMOND-1582-AM Datasheet
50Kb / 1P
   15 Amp Metered Rackmount Outlet Strip
1584-S HAMMOND-1584-S Datasheet
71Kb / 2P
   15 Amp Heavy Duty Surge Strip
logo
Bud Industries, Inc.
POS-202 BUD-POS-202 Datasheet
47Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-204 BUD-POS-204 Datasheet
56Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-201 BUD-POS-201 Datasheet
48Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
POS-203 BUD-POS-203 Datasheet
57Kb / 1P
   RACKMOUNT POWER OUTLET STRIP (20 AMP)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com