Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1585H11B1 Datasheet(PDF) 3 Page - Hammond Manufacturing Ltd.

Part # 1585H11B1
Description  Barres d alimentation de 15 A pour montage vertical sur bati
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1585H11B1 Datasheet(HTML) 3 Page - Hammond Manufacturing Ltd.

  1585H11B1 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1585H11B1 Datasheet HTML 2Page - Hammond Manufacturing Ltd. 1585H11B1 Datasheet HTML 3Page - Hammond Manufacturing Ltd. 1585H11B1 Datasheet HTML 4Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1585H10A 1
1585T10A 1
48.00
10
No
6
Natural
5-15P
1585H10B1
1585T10B1
48.00
10
No
15
Natural
5-15P
1585H10C1
1585T10C1
48.00
10
No
6
Natural
L5-15P
1585H10D1
1585T10D1
48.00
10
No
15
Natural
L5-15P
1585H11A 1
1585T11A 1
48.00
11
No
6
Natural
5-15P
1585H11B1
1585T11B1
48.00
11
No
15
Natural
5-15P
1585H11C1
1585T11C1
48.00
11
No
6
Natural
L5-15P
1585H11D1
1585T11D1
48.00
11
No
15
Natural
L5-15P
1585H15A 1
1585T15A 1
48.00
15
No
6
Natural
5-15P
1585H15B1
1585T15B1
48.00
15
No
15
Natural
5-15P
1585H15C1
1585T15C1
48.00
15
No
6
Natural
L5-15P
1585H15D1
1585T15D1
48.00
15
No
15
Natural
L5-15P
1585H16A 1
1585T16A 1
48.00
16
No
6
Natural
5-15P
1585H16B1
1585T16B1
48.00
16
No
15
Natural
5-15P
1585H16C1
1585T16C1
48.00
16
No
6
Natural
L5-15P
1585H16D1
1585T16D1
48.00
16
No
15
Natural
L5-15P
1586H10A 1
1586T10A 1
60.00
10
No
6
Natural
5-15P
1586H10B1
1586T10B1
60.00
10
No
15
Natural
5-15P
1586H10C1
1586T10C1
60.00
10
No
6
Natural
L5-15P
1586H10D1
1586T10D1
60.00
10
No
15
Natural
L5-15P
1586H12A 1
1586T12A 1
60.00
12
No
6
Natural
5-15P
1586H12A 1BK
1586T12A 1BK
60.00
12
No
6
Black
5-15P
1586H12B1
1586T12B1
60.00
12
No
15
Natural
5-15P
1586H12B1BK
1586T12B1BK
60.00
12
No
15
Black
5-15P
1586H12C1
1586T12C1
60.00
12
No
6
Natural
L5-15P
1586H12D1
1586T12D1
60.00
12
No
15
Natural
L5-15P
1587H10A 1
1587T10A 1
70.00
10
No
6
Natural
5-15P
1587H10A 1BK
1587T10A 1BK
70.00
10
No
6
Black
5-15P
1587H10B1
1587T10B1
70.00
10
No
15
Natural
5-15P
1587H10B1BK
1587T10B1BK
70.00
10
No
15
Black
5-15P
1587H10C1
1587T10C1
70.00
10
No
6
Natural
L5-15P
1587H10D1
1587T10D1
70.00
10
No
15
Natural
L5-15P
1587H11A 1
1587T11A 1
70.00
11
No
6
Natural
5-15P
1587H11B1
1587T11B1
70.00
11
No
15
Natural
5-15P
1587H11C1
1587T11C1
70.00
11
No
6
Natural
L5-15P
1587H11D1
1587T11D1
70.00
11
No
15
Natural
L5-15P
1587H12A 1
1587T12A 1
70.00
12
No
6
Natural
5-15P
1587H12B1
1587T12B1
70.00
12
No
15
Natural
5-15P
1587H12C1
1587T12C1
70.00
12
No
6
Natural
L5-15P
1587H12D1
1587T12D1
70.00
12
No
15
Natural
L5-15P
1587H19A 1
1587T19A 1
70.00
19
No
6
Natural
5-15P
1587H19B1
1587T19B1
70.00
19
No
15
Natural
5-15P
1587H19C1
1587T19C1
70.00
19
No
6
Natural
L5-15P
1587H19D1
1587T19D1
70.00
19
No
15
Natural
L5-15P
1587H24A 1
1587T24A 1
70.00
24
No
6
Natural
5-15P
1587H24B1
1587T24B1
70.00
24
No
15
Natural
5-15P
1587H24C1
1587T24C1
70.00
24
No
6
Natural
L5-15P
1587H24D1
1587T24D1
70.00
24
No
15
Natural
L5-15P
1588H12A 1
1588T12A 1
77.00
12
No
6
Natural
5-15P
1588H12A 1BK
1588T12A 1BK
77.00
12
No
6
Black
5-15P
1588H12B1
1588T12B1
77.00
12
No
15
Natural
5-15P
1588H12B1BK
1588T12B1BK
77.00
12
No
15
Black
5-15P
1588H12C1
1588T12C1
77.00
12
No
6
Natural
L5-15P
1588H12D1
1588T12D1
77.00
12
No
15
Natural
L5-15P
Les données sont sujettes à changement sans préavis.


Similar Part No. - 1585H11B1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1585H11B1 HAMMOND-1585H11B1 Datasheet
183Kb / 1P
   Anodized Aluminum Extrusion
More results

Similar Description - 1585H11B1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
RCBS HAMMOND-RCBS Datasheet
71Kb / 2P
   Armoire de table ou pour montage sur bati
PBAS HAMMOND-PBAS Datasheet
76Kb / 1P
   Adaptateur de rails pour montage sur bati de 24 a 19 po
HMESWF HAMMOND-HMESWF Datasheet
68Kb / 2P
   Cadre pivotant pour montage sur bati de 19 po
1584H HAMMOND-1584H Datasheet
77Kb / 2P
   Barres d alimentation de qualit챕 m챕dicale de 15 A
1583 HAMMOND-1583 Datasheet
90Kb / 3P
   Barre d alimentation pour montage horizontal sur b창ti
1582 HAMMOND-1582 Datasheet
71Kb / 2P
   Barre d alimentation pour montage horizontal sur b창ti
HMER HAMMOND-HMER Datasheet
72Kb / 1P
   Rails pour montage sur bati de 19 po et trousse dadaptateur de largeur
RSDP HAMMOND-RSDP Datasheet
58Kb / 1P
   Porte de securite a charniere pour montage sur rails
RASE HAMMOND-RASE Datasheet
50Kb / 1P
   Tablette de rangement pour montage sur deux montants
RDAB HAMMOND-RDAB Datasheet
59Kb / 2P
   Adaptateur de profondeur de rails pour equipement, pour montage sur quatre montants
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com