Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584H6C1RA Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1584H6C1RA
Description  Black Painted Steel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1584H6C1RA Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1584H6C1RA Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ASSEMBLY - VIEW FROM TOP
ASSEMBLY - VIEW FROM SIDE
ASSEMBLY - VIEW FROM BOTTOM
SECTION A-A
ISOMETRIC VIEW
1584H6D1RA - 15' Foot Twis t Power Cord (NEMA L5-15P)
1584H6**RA
Finish - Top - Blac k Painted Steel
Rated - 120 VAC, 60 Hz, 15 Am ps
Bottom - Aluminum Extrus ion
Approvals - CSA Certified Standards C22.2 (No. 21-95, 42-99)
- UL Listed, Standard UL1363
1584H6C1RA - 6' Foot Twist Power Cord (NEMA L5-15P)
Cord Length
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
A
A
1584H6**RA
LIGHTED ON/OFF
POWER SWITCH
6' FOOT TWIST
POWER CORD
(NEMA L5-15P)
RESETABLE
CIRCUIT
BREAKER
419.46 mm
[16.514 in]
53.98 mm
[2.125 in]
52.32 mm
[2.060 in]
121.86 mm
[4.798 in]
53.34 mm
[2.100 in]
TYP
413.11 mm
[16.264 in]
2.31 mm
[0.091 in]
59.28 mm
[2.334 in]
9.53 mm
[0.375 in]
387.71 mm
[15.264 in]
22.23 mm
[0.875 in]
9.53 mm
[0.375 in]
400.41 mm
[15.764 in]
14.29 mm
[0.563 in]
25.40 mm
[1.000 in]
R4.37 mm
[0.172 in]


Similar Part No. - 1584H6C1RA

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584H6C1RA HAMMOND-1584H6C1RA Datasheet
143Kb / 1P
   Black Painted Steel
1584H6C1RA HAMMOND-1584H6C1RA Datasheet
71Kb / 2P
   Barre d alimentation robuste
More results

Similar Description - 1584H6C1RA

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584T4A1 HAMMOND-1584T4A1 Datasheet
134Kb / 1P
   Black Painted Steel
1584H4C1RA HAMMOND-1584H4C1RA Datasheet
204Kb / 1P
   Black Painted Steel
1584T5D1 HAMMOND-1584T5D1 Datasheet
211Kb / 1P
   Black Painted Steel
1584T4C1 HAMMOND-1584T4C1 Datasheet
143Kb / 1P
   Black Painted Steel
1584H6A1SRA HAMMOND-1584H6A1SRA Datasheet
196Kb / 1P
   Black Painted Steel
1584H4B1 HAMMOND-1584H4B1 Datasheet
136Kb / 1P
   Black Painted Steel
1584T8DH6 HAMMOND-1584T8DH6 Datasheet
154Kb / 1P
   Black Painted Steel
1584T8B1 HAMMOND-1584T8B1 Datasheet
196Kb / 1P
   Black Painted Steel
1589H4D1 HAMMOND-1589H4D1 Datasheet
131Kb / 1P
   Black Painted Steel
1584T6A1RA HAMMOND-1584T6A1RA Datasheet
187Kb / 1P
   Black Painted Steel
1584H8C1 HAMMOND-1584H8C1 Datasheet
152Kb / 1P
   Black Painted Steel
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com