Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1584C6TW20 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1584C6TW20
Description  SJT or Equivalent, 12/3 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1584C6TW20 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1584C6TW20 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMERTIC VIEW
PLUG END VIEW
1584C6TW20 - 6.5' Foot Power Cord
1584C15TW20 - 15.5' Foot Power Cord
1584C6TW20/C15TW20
Cord Lengths
Ratings - 125 VAC, 20 Amps
Plug Type - NEMA L5-20P
Cord Type - SJT or Equivalent, 12/3 Wire
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
A
A
B
B
C
C
D
D
E
E
F
F
1584C6TW20/
C15TW20
NEUTRAL
(WHITE)
6' OR 15'
FOOT LENGTH
0.032" x 0.250" FEMALE
QUICK CONNECT INSULATED
(BLACK)
GROUND
CONNECTION
(GREEN)
NEMA L5-20P
Ø36.84
[1.450]


Similar Part No. - 1584C6TW20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584C6TW20 HAMMOND-1584C6TW20 Datasheet
62Kb / 1P
   Replacement Power Cords
More results

Similar Description - 1584C6TW20

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1584C6S20 HAMMOND-1584C6S20 Datasheet
222Kb / 1P
   SJT or Equivalent, 12/3 Wire
1584C6TW HAMMOND-1584C6TW Datasheet
190Kb / 1P
   SJT or Equivalent, 14/3 Wire
1584C6RP HAMMOND-1584C6RP Datasheet
184Kb / 1P
   SJT or Equivalent, 14/3 Wire
1584C6 HAMMOND-1584C6 Datasheet
184Kb / 1P
   SJT or Equivalent, 14/3 Wire
logo
Ferroxcube Internationa...
WAS-CLM-C-P14-8 FERROXCUBE-WAS-CLM-C-P14-8 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P18-11 FERROXCUBE-WAS-CLM-TP-P18-11 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TS+C+S-P22 FERROXCUBE-WAS-CLM-TS+C+S-P22 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-C+S-P18-11 FERROXCUBE-WAS-CLM-C+S-P18-11 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-S-P26-16 FERROXCUBE-WAS-CLM-S-P26-16 Datasheet
24Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
WAS-CLM-TP-P14-8 FERROXCUBE-WAS-CLM-TP-P14-8 Datasheet
23Kb / 1P
   MATERIAL: BAKELITE XP OR EQUIVALENT OR OPAQUE MYLAR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com