Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9060HFP-C Datasheet(PDF) 1 Page - Rohm

Part # BD9060HFP-C
Description  Input Voltage 5.0V to 35V Output Switch Current 2A 1ch Step-Down DC/DC Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9060HFP-C Datasheet(HTML) 1 Page - Rohm

  BD9060HFP-C Datasheet HTML 1Page - Rohm BD9060HFP-C Datasheet HTML 2Page - Rohm BD9060HFP-C Datasheet HTML 3Page - Rohm BD9060HFP-C Datasheet HTML 4Page - Rohm BD9060HFP-C Datasheet HTML 5Page - Rohm BD9060HFP-C Datasheet HTML 6Page - Rohm BD9060HFP-C Datasheet HTML 7Page - Rohm BD9060HFP-C Datasheet HTML 8Page - Rohm BD9060HFP-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
○P
©20
ww
TSZ
In
C
B
Ge
Fe
Ap
Ty
Product structure
013 ROHM Co.
ww.rohm.co.jp
Z22111・14・0
nput
Curre
BD9060HF
eneral Descr
The
BD906
frequency-fl
built-in POW
pressure.
configurable
input voltag
accuracy of
external syn
operation w
corresponds
eatures
Minima
P-ch PO
Low dro
Externa
Soft sta
Built-in
Built-in
pplications
Battery-pow
etc.), comm
equipment,
pical Applic
e:Silicon mono
, Ltd. All rights r
001
Volta
nt 2A
P-C
BD9
ription
60HFP-C
BD
exible step-d
WER MOS F
The
operat
e with externa
ge range (5V
±5% (f=200kH
nchronization
with external
s to the ceram
l external com
OWER MOS F
opout:100% O
al synchroniza
art function: so
overcurrent p
thermal shutd
wered in-vehicl
unication such
Flat TV, Printe
cation Circu
olithic integrated
reserved.
age 5.
A 1ch
9060F-C
D9060F-C
ar
own switchin
FET which ca
tional
frequ
al resistance.
to 35V) and
Hz to 500kHz)
input pin ena
clock. The
mic capacitor.
mponents
FET included i
ON duty cycle
ation enabled
oft start time fix
rotection circu
down protectio
le unit (Cluste
h as ETC, all f
er, DVD, AV, O
it
d circuit
○Thi
.0V to
Step
re
high-accu
g regulators
an withstand
ency
is
fr
It features a w
a high freque
). Furthermore
ables synchron
output capa
in the package
xed to 2.7ms (
uit
on circuit
r, Car multime
fields of indus
OA
is product has n
1/30
o 35V
p-Dow
uracy
with
high
reely
wide
ency
e, an
nous
acitor
e
(Typ)
edia,
strial
Key
Pac
no designed pro
V Out
wn DC
y Specificatio
Input Vo
Output V
Output S
Selectab
Oscillati
POWER
Referen
Standby
Operatin
AEC-Q1
ckage
HRP7
SOP8
tection against
TSZ0
put S
C/DC
ons
oltage Range:
Voltage Range
Switch Current
ble Oscillating
ng Frequency
R MOS FET O
ce Voltage Ac
y Circuit Curre
ng Temperatur
00 Qualified
9.395mm x 1
5.00mm x 6.2
Data
radioactive rays
02201-0T1T
30.Aug
Switc
Conv
e:
t:
Frequency:5
y Accuracy:
(f=200
On Resistance:
ccuracy:
ent:
re Range:
-
W(Typ) x D
10.540mm x 2
20mm x 1.71m
Datasheet
s
0AL00080-1
.2013 Rev.00
h
verte
5V to 35
0.8V to VIN
2 A (Ma
0kHz to 500kH
±5
0kHz to 500kH
:
0.6
Ω(Ma
±2% (Ty
0 µA (Ty
40°C to +125°
D(Typ) x H(Ma
2.005mm
mm
eet
-2
04
er
5V
NV
ax)
Hz
5%
Hz)
ax)
yp)
yp)
°C
ax)


Similar Part No. - BD9060HFP-C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD906 MOSPEC-BD906 Datasheet
143Kb / 3P
   POWER TRANSISTORS(15A,90W)
logo
Boca Semiconductor Corp...
BD906 BOCA-BD906 Datasheet
149Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
Inchange Semiconductor ...
BD906 ISC-BD906 Datasheet
249Kb / 2P
   isc Silicon PNP Power Transistor
logo
Continental Device Indi...
BD906 CDIL-BD906 Datasheet
127Kb / 4P
   PLASTIC POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD906 NJSEMI-BD906 Datasheet
133Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD9060HFP-C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com