Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD99060F-C Datasheet(PDF) 9 Page - Rohm

Part # BD99060F-C
Description  Input Voltage 5.0V to 35V Output Switch Current 2A 1ch Step-Down DC/DC Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD99060F-C Datasheet(HTML) 9 Page - Rohm

Back Button BD99060F-C Datasheet HTML 5Page - Rohm BD99060F-C Datasheet HTML 6Page - Rohm BD99060F-C Datasheet HTML 7Page - Rohm BD99060F-C Datasheet HTML 8Page - Rohm BD99060F-C Datasheet HTML 9Page - Rohm BD99060F-C Datasheet HTML 10Page - Rohm BD99060F-C Datasheet HTML 11Page - Rohm BD99060F-C Datasheet HTML 12Page - Rohm BD99060F-C Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Datasheet
Datasheet
9/30
BD9060HFP-C
BD9060F-C
TSZ02201-0T1T0AL00080-1-2
©2013 ROHM Co., Ltd. All rights reserved.
30.Aug.2013 Rev.004
www.rohm.co.jp
TSZ22111・15・001
Figure 13.Conversion Efficiency vs Output Current
(f=300kHz)
Figure 14.Conversion Efficiency vs Output Current
(f=500kHz)
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
Output Current:lo[A]
From Top: 5.0V output
3.3V output
VIN =13.2V
f=500kHz
Ta=25°C
*It measured BD9060HFP.
Figure 15.Overcurrent Protected Operation Current
0
2
4
6
8
10
01
2
34
5
Output Current: lO [A]
From Left:Ta=125°C
Ta=25°C
Ta=-40°C
VIN = 13.2 V
f = 300 kHz
VO = 5 V
0
10
20
30
40
50
60
70
80
90
100
0.00.51.01.52.0
Output Current:lo [A]
From Top: 5.0V output
3.3V output
VIN =13.2V
f=300kHz
Ta=25°C
*It measured BD9060HFP.


Similar Part No. - BD99060F-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD99010EFV-M ROHM-BD99010EFV-M Datasheet
1Mb / 31P
   Simple Light Load Mode
BD99011EFV-M ROHM-BD99011EFV-M Datasheet
1Mb / 31P
   Simple Light Load Mode
More results

Similar Description - BD99060F-C

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
logo
ARTSCHIP ELECTRONICS CO...
MPS1410 ARTSCHIP-MPS1410 Datasheet
350Kb / 7P
   2A Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE722 ACE-ACE722 Datasheet
535Kb / 8P
   2A Step-down DC-DC Converter
VER 1.6
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Diodes Incorporated
AP3419 DIODES-AP3419 Datasheet
471Kb / 9P
   2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Advanced Analog Technol...
AAT7301 AAT-AAT7301 Datasheet
554Kb / 11P
   2A 15V STEP-DOWN DC-DC CONVERTER
logo
Active-Semi, Inc
ACT4060B ACTIVE-SEMI-ACT4060B Datasheet
705Kb / 16P
   18V/2A Step-Down DC/DC Converter
Rev 1, 23-May-12
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
Maxim Integrated Produc...
MAX15020 MAXIM-MAX15020_V01 Datasheet
2Mb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
2014
MAX15020 MAXIM-MAX15020_11 Datasheet
316Kb / 18P
   2A, 40V Step-Down DC-DC Converter with Dynamic Output-Voltage Programming
Rev 1; 5/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com