Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9394EFV Datasheet(PDF) 11 Page - Rohm

Part # BD9394EFV
Description  White LED Driver for large LCD Panels (DCDC Converter type)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9394EFV Datasheet(HTML) 11 Page - Rohm

Back Button BD9394EFV Datasheet HTML 7Page - Rohm BD9394EFV Datasheet HTML 8Page - Rohm BD9394EFV Datasheet HTML 9Page - Rohm BD9394EFV Datasheet HTML 10Page - Rohm BD9394EFV Datasheet HTML 11Page - Rohm BD9394EFV Datasheet HTML 12Page - Rohm BD9394EFV Datasheet HTML 13Page - Rohm BD9394EFV Datasheet HTML 14Page - Rohm BD9394EFV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Datasheet
Datasheet
11/28
TSZ02201-0F1F0C100180-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
09.Nov.2012 Rev.002
www.rohm.com
TSZ22111・15・001
BD9394FP, BD9394EFV
○SS (HSOP20:16pin / HTSSOP-B2420pin)
The SS pin is used to make setting of soft start time and duty for soft start. It performs constant current charge of 2.0 uA
to the external capacitor connected with SS terminal, which enables soft-start of DC/DC converter.
Since the LED protection function (OPEN/SHORT detection) works when the SS terminal voltage reaches 3.7 V (typ.) or
higher, it must be set to bring stability to conditions such as DC/DC output voltage and LED constant current drive
operation, etc. before the voltage of 3.7 V is detected.
○FB (HSOP20:17pin / HTSSOP-B2421pin)
The FB pin is an output pin used for DC/DC current mode control error amplifier. In other words, the FB pin detects the
voltages of LED pins (1 to 4) and controls inductor current so that the pin voltage of the LED located in the row with the
highest Vf will come to 0.37V (NADIM=(2.62)V, ILED=100mA). As a result, the pin voltages of other LEDs become higher
by Vf variation. After completion of soft start, the FB pin is put into the high-impedance state with the PWM signal being in
the low state, thus maintaining the FB voltage.
○RT (HSOP20:18pin / HTSSOP-B2422pin)
The RT pin is used to connect a DC/DC frequency setting resistor. DC/DC drive frequency is determined by connecting
the RT resistor.
Drive frequency vs. RT resistance (Ideal)
When RT is 100kΩ, Fsw is 150kHz(typ.). However, drive frequency setting should be made in the range of 100 kHz to
800 kHz.
○NADIM (HSOP20:19pin / HTSSOP-B2423pin)
NADIM pin is for analog dimming. Output current is proportionality with input voltage (negative). Basically, NADIM pin
assumes the voltage inputted externally using high accuracy of resistive divider and etc., IC internally is in OPEN (High
impedance) condition.
Please be sure to apply externally for Resistive divider and etc. from REG58 output. Cannot use in an OPEN condition.
○VCC (HSOP20:20pin / HTSSOP-B2424pin)
The VCC pin is used to supply power for the IC in the range of 9 to 35V.
If the VCC pin voltage reaches 7.5V (Typ.) or more, the IC will initiate operation. If it reaches 7.2V (Typ.) or less, the IC
will be shut down.
]
[
]
[
15000
=
k
kHz
f
R
SW
RT


Similar Part No. - BD9394EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD93941EFV ROHM-BD93941EFV Datasheet
1,016Kb / 30P
   LED pin rating 60V
BD93941EFV ROHM-BD93941EFV Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93941FP ROHM-BD93941FP Datasheet
1,016Kb / 30P
   LED pin rating 60V
BD93941FP-E2 ROHM-BD93941FP-E2 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results

Similar Description - BD9394EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9421F ROHM-BD9421F_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD93941EFV ROHM-BD93941EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9479FV ROHM-BD9479FV Datasheet
862Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9421F ROHM-BD9421F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9479FV ROHM-BD9479FV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD93942F ROHM-BD93942F Datasheet
1Mb / 30P
   White LED Driver for large LCD Panels (DCDC Converter type)
BD9420F ROHM-BD9420F_15 Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9483F ROHM-BD9483F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com