Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CKCL22 Datasheet(PDF) 5 Page - SAMWHA ELECTRIC

Part # CKCL22
Description  CKC Series Commercial Grade 2 in 1 Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMWHA [SAMWHA ELECTRIC]
Direct Link  http://www.samwha.com
Logo SAMWHA - SAMWHA ELECTRIC

CKCL22 Datasheet(HTML) 5 Page - SAMWHA ELECTRIC

  CKCL22 Datasheet HTML 1Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 2Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 3Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 4Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 5Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 6Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 7Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 8Page - SAMWHA ELECTRIC CKCL22 Datasheet HTML 9Page - SAMWHA ELECTRIC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
• All specifications are subject to change without notice.
CKCL22(2012) [EIA CC0805]
C0G
CH
JB
2A
(100V)
1H
(50V)
1H
(50V)
1H
(50V)
1E
(25V)
1C
(16V)
1A
(10V)
0J
(6.3V)
10
100
F: ± 1pF
K: ± 10%
M: ± 20%
15
150
22
220
33
330
47
470
68
680
100
101
150
151
220
221
330
331
470
471
1,000
102
2,200
222
4,700
472
10,000
103
22,000
223
47,000
473
100,000
104
220,000
224
470,000
474
1,000,000
105
2,200,000
225
0.85 mm
X5R
X7R
1H
(50V)
1E
(25V)
1C
(16C)
1A
(10V)
0J
(6.3V)
2A
(100V)
1H
(50V)
1E
(25V)
1A
(10V)
470
471
F: ± 1pF
K: ± 10%
M: ± 20%
1,000
102
2,200
222
4,700
472
10,000
103
22,000
223
47,000
473
100,000
104
220,000
224
470,000
474
1,000,000
105
2,200,000
225
0.85 mm
Capacitance
Range Chart
Capacitance Range Chart
Temperature Characteristics: C0G (0 ± 30ppm/ºC), CH (0 ± 60ppm/ºC), JB (± 10%)
Rated Voltage: 100V (2A), 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Capacitance Range Chart
Temperature Characteristics: X5R (± 15%), X7R (±15%)
Rated Voltage: 100V (2A), 50V (1H), 25V (1E), 16V (1C), 10V (1A), 6.3V (0J)
Capacitance
(pF)
Code
Tolerance
Standard Thickness
Page 4
MULTILAYER CERAMIC CHIP CAPACITORS
004-01 / 20140112 / mlcc_commercial_2array_en


Similar Part No. - CKCL22

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCL22 TDK-CKCL22 Datasheet
1Mb / 12P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKCL22C0G1H100F085AA TDK-CKCL22C0G1H100F085AA Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCL22C0G1H100F085AK TDK-CKCL22C0G1H100F085AK Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCL22C0G1H100F085AL TDK-CKCL22C0G1H100F085AL Datasheet
182Kb / 1P
   Multilayer Ceramic Chip Capacitors
CKCL22C0G1H101K085AA TDK-CKCL22C0G1H101K085AA Datasheet
183Kb / 1P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - CKCL22

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CKCA43X5R0J105M100AA TDK-CKCA43X5R0J105M100AA Datasheet
1Mb / 8P
   CKC Series Commercial Grade 4 in 1 Array
VLP8040T-100M TDK-VLP8040T-100M Datasheet
366Kb / 3P
   Commercial Grade
logo
Kemet Corporation
CA064X104K4RACTU KEMET-CA064X104K4RACTU Datasheet
2Mb / 20P
   Capacitor Array, X7R Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
CA064C104K4GACTU KEMET-CA064C104K4GACTU Datasheet
3Mb / 17P
   Capacitor Array, C0G Dielectric, 10 - 200 VDC (Commercial & Automotive Grade)
logo
Ohmite Mfg. Co.
TVW OHMITE-TVW Datasheet
116Kb / 1P
   Economical Commercial Grade
logo
Gilway Technical Lamp
HT-456 GILWAY-HT-456 Datasheet
108Kb / 2P
   Commercial Grade Lampholders
logo
TDK Electronics
CKG57NX7S1C107M500JH TDK-CKG57NX7S1C107M500JH Datasheet
1Mb / 10P
   CKG Series Commercial Grade MEGACAP Type
logo
Kemet Corporation
HVZ0E107NF-LT KEMET-HVZ0E107NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 100 F, 30%, 2.7 V, 2 Pin, 10mm
HVZ0E207NF-LT KEMET-HVZ0E207NF-LT Datasheet
63Kb / 1P
   Supercapacitors, Snap-In, Commercial Grade, HVZ, 200 F, 30%, 2.7 V, 2 Pin, 10mm
logo
Electronic devices inc.
1W005 EDI-1W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com